Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5405 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 16Page - Texas Instruments TMS320UC5405 Datasheet HTML 17Page - Texas Instruments TMS320UC5405 Datasheet HTML 18Page - Texas Instruments TMS320UC5405 Datasheet HTML 19Page - Texas Instruments TMS320UC5405 Datasheet HTML 20Page - Texas Instruments TMS320UC5405 Datasheet HTML 21Page - Texas Instruments TMS320UC5405 Datasheet HTML 22Page - Texas Instruments TMS320UC5405 Datasheet HTML 23Page - Texas Instruments TMS320UC5405 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
Functional Overview
20
October 2002 − Revised October 2004
SPRS199B
3.1.2 On-Chip ROM With Bootloader
The UC5405 features 4K
× 16-bit of on-chip maskable ROM. Customers can arrange to have the ROM of the
UC5405 programmed with contents unique to any particular application. A security option is available to
protect a custom ROM. This security option is described in the TMS320C54x DSP Reference Set, Volume 1:
CPU and Peripherals (literature number SPRU131). Note that only the ROM security option, and not the
ROM/RAM option, is available on the UC5405 .
A bootloader is available in the standard UC5405 on-chip ROM. This bootloader can be used to automatically
transfer user code from an external source to anywhere in the program memory at power up. If the MP/MC
pin is sampled low during a hardware reset, execution begins at location FF80h of the on-chip ROM. This
location contains a branch instruction to the start of the bootloader program. The standard UC5405 bootloader
provides different ways to download the code to accomodate various system requirements:
•
Serial boot from serial ports 8-bit or 16-bit mode
•
Host-port interface boot
The standard on-chip ROM layout is shown in Table 3−1.
Table 3−1. Standard On-Chip ROM Layout†
ADDRESS RANGE
DESCRIPTION
F000h − F7FFh
Reserved
F800h − FBFFh
Bootloader
FC00h − FCFFh
µ-law expansion table
FD00h − FDFFh
A-law expansion table
FE00h − FEFFh
Sine look-up table
FF00h − FF7Fh
Reserved
FF80h − FFFFh
Interrupt vector table
† In the UC5405 ROM, 128 words are reserved for factory device-testing purposes. Application
code to be implemented in on-chip ROM must reserve these 128 words at addresses
FF00h–FF7Fh in program space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com