Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5405 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320UC5405 Datasheet HTML 1Page - Texas Instruments TMS320UC5405 Datasheet HTML 2Page - Texas Instruments TMS320UC5405 Datasheet HTML 3Page - Texas Instruments TMS320UC5405 Datasheet HTML 4Page - Texas Instruments TMS320UC5405 Datasheet HTML 5Page - Texas Instruments TMS320UC5405 Datasheet HTML 6Page - Texas Instruments TMS320UC5405 Datasheet HTML 7Page - Texas Instruments TMS320UC5405 Datasheet HTML 8Page - Texas Instruments TMS320UC5405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
Revision History
3
October 2002 − Revised October 2004
SPRS199B
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS199A device-specific data
sheet to make it an SPRS199B revision.
Scope: This document has been reviewed for technical accuracy; the technical content is up-to-date as of the
specified release date with the following changes.
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
Global:
Added “ZQW” mechanical data package device-specific information.
Moved “Package Thermal Resistance Characteristics” section (was page 42 in SPRS199A) to the Mechanical Data section
18
Signal Descriptions table, TEST PINS:
Added “EMU0 should be pulled up to DVDD with a separate 4.7-kΩ resistor” to the EMU0 pin DESCRIPTION column
Added “EMU1/OFF should be pulled up to DVDD with a separate 4.7-kΩ resistor” to the EMU1/OFF pin DESCRIPTION
column
39
Device Support section:
Added new section
Added associated figure
74
Mechanical Data section:
Deleted the “GQW (S−PBGA−N143)” mechanical data package diagram; now an automated merge process
Added lead-in sentences for the thermal resistance characteristics table(s) and the “merged” mechanical data packages
Added “for GQW” to the Thermal Resistance Characteristics table
Added Thermal Resistance Characteristics table for the “ZQW” package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com