Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5405 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 19Page - Texas Instruments TMS320UC5405 Datasheet HTML 20Page - Texas Instruments TMS320UC5405 Datasheet HTML 21Page - Texas Instruments TMS320UC5405 Datasheet HTML 22Page - Texas Instruments TMS320UC5405 Datasheet HTML 23Page - Texas Instruments TMS320UC5405 Datasheet HTML 24Page - Texas Instruments TMS320UC5405 Datasheet HTML 25Page - Texas Instruments TMS320UC5405 Datasheet HTML 26Page - Texas Instruments TMS320UC5405 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
Functional Overview
23
October 2002 − Revised October 2004
SPRS199B
3.2
On-Chip Peripherals
The UC5405 device supports the following on-chip peripherals:
•
Software-programmable wait-state generator with programmable bank-switching wait states
•
An enhanced 8-bit host-port interface (HPI8)
•
Two multichannel buffered serial ports (McBSPs)
•
Two hardware timers
•
A clock generator with a phase-locked loop (PLL)
•
A direct memory access (DMA) controller
3.2.1 Software-Programmable Wait-State Generator
The software wait-state generator of the UC5405 can extend external bus cycles by up to 14 machine cycles.
Devices that require more than 14 wait states can be interfaced using the hardware READY line. When all
external accesses are configured for zero wait states, the internal clocks to the wait-state generator are
automatically disabled. Disabling the wait-state generator clocks reduces the power consumption of the
UC5405.
The software wait-state register (SWWSR) controls the operation of the wait-state generator. The 15 LSBs
of the SWWSR specify the number of wait states (0 to 7) to be inserted for external memory accesses to
5 separate address ranges. This allows a different number of wait states for each of the five address ranges.
Additionally, the software wait-state multiplier (SWSM) bit of the software wait-state control register (SWCR)
defines a multiplication factor of 1 or 2 for the number of wait states. At reset, the wait-state generator is
initialized to provide seven wait states on all external memory accesses. The SWWSR bit fields are shown
in Figure 3−5 and described in Table 3−2.
15
14
12
11
9
8
XPA
I/O
DATA
DATA
R/W-0
R/W-111
R/W-111
R/W-111
7
65
3
2
0
DATA
PROGRAM
PROGRAM
R/W-111
R/W-111
R/W-111
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3−5. Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address 0028h]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com