Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5405 Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 67Page - Texas Instruments TMS320UC5405 Datasheet HTML 68Page - Texas Instruments TMS320UC5405 Datasheet HTML 69Page - Texas Instruments TMS320UC5405 Datasheet HTML 70Page - Texas Instruments TMS320UC5405 Datasheet HTML 71Page - Texas Instruments TMS320UC5405 Datasheet HTML 72Page - Texas Instruments TMS320UC5405 Datasheet HTML 73Page - Texas Instruments TMS320UC5405 Datasheet HTML 74Page - Texas Instruments TMS320UC5405 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
Electrical Specifications
71
October 2002 − Revised October 2004
SPRS199B
Table 6−30. HPI8 Mode Switching Characteristics
PARAMETER
MIN
MAX
UNIT
ten(DSL-HD)
Enable time, HD driven from DS low
5
21
ns
Case 1a: Memory accesses when
DMAC is active in 16-bit mode and
tw(DSH) < 18H†
18H + 21 − tw(DSH)
Case 1b: Memory accesses when
DMAC is active in 16-bit mode and
tw(DSH) ≥ 18H†
21
td(DSL-HDV1)
Delay time, DS low to HDx valid for
first byte of an HPI read
Case 1c: Memory access when
DMAC is active in 32-bit mode and
tw(DSH) < 26H†
26H + 21 − tw(DSH)
ns
td(DSL-HDV1)
Delay time, DS low to HDx valid for
first byte of an HPI read
Case 1d: Memory access when
DMAC is active in 32-bit mode and
tw(DSH) ≥ 26H†
21
ns
Case 2a: Memory accesses when
DMAC is inactive and tw(DSH) < 10H†
10H + 21 − tw(DSH)
Case 2b: Memory accesses when
DMAC is inactive and tw(DSH) ≥ 10H†
21
Case 3: Register accesses
21
td(DSL-HDV2)
Delay time, DS low to HDx valid for second byte of an HPI read
21
ns
th(DSH-HDV)R
Hold time, HDx valid after DS high, for a HPI read
5
9
ns
tv(HYH-HDV)
Valid time, HDx valid after HRDY high
12
ns
td(DSH-HYL)
Delay time, DS high to HRDY low (see Note 1)
21
ns
Case 1a: Memory accesses when
DMAC is active in 16-bit mode†
18H + 21
ns
td(DSH-HYH)
Delay time, DS high to HRDY high
Case 1b: Memory accesses when
DMAC is active in 32-bit mode†
26H + 21
ns
td(DSH-HYH)
Delay time, DS high to HRDY high
Case 2: Memory accesses when
DMAC is inactive†
10H + 21
ns
Case 3: Write accesses to HPIC
register (see Note 2)
6H + 21
ns
td(HCS-HRDY)
Delay time, HCS low/high to HRDY low/high
19
ns
td(COH-HYH)
Delay time, CLKOUT high to HRDY high
5
ns
td(COH-HTX)
Delay time, CLKOUT high to HINT change
5
ns
td(COH-GPIO)
Delay time, CLKOUT high to HDx output change. HDx is configured as a
general-purpose output.
9
ns
NOTES:
1. The HRDY output is always high when the HCS input is high, regardless of DS timings.
2. This timing applies to the first byte of an access, when writing a one to the DSPINT bit or HINT bit of the HPIC register. All other writes
to the HPIC occur asynchronously, and do not cause HRDY to be deasserted.
† DMAC stands for direct memory access (DMA) controller. The HPI8 shares the internal DMA bus with the DMAC, thus HPI8 access times are
affected by DMAC activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com