Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5405 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 18Page - Texas Instruments TMS320UC5405 Datasheet HTML 19Page - Texas Instruments TMS320UC5405 Datasheet HTML 20Page - Texas Instruments TMS320UC5405 Datasheet HTML 21Page - Texas Instruments TMS320UC5405 Datasheet HTML 22Page - Texas Instruments TMS320UC5405 Datasheet HTML 23Page - Texas Instruments TMS320UC5405 Datasheet HTML 24Page - Texas Instruments TMS320UC5405 Datasheet HTML 25Page - Texas Instruments TMS320UC5405 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
Functional Overview
22
October 2002 − Revised October 2004
SPRS199B
Register
TMS320UC5405
SRAM
IS
D15 − D0
A5 − A0
PS or DS
D0 − D9
D15 − D0
A5 − A0
A6 − A15
CS
Q0 − Q9
EN
Figure 3−3. TMS320UC5405 External Memory Paging Scheme
3.1.5 Relocatable Interrupt Vector Table
The reset, interrupt, and trap vectors are addressed in program space. These vectors are soft — meaning that
the processor, when taking the trap, loads the program counter (PC) with the trap address and executes the
code at the vector location. Four words are reserved at each vector location to accommodate a delayed branch
instruction, either two 1-word instructions or one 2-word instruction, which allows branching to the appropriate
interrupt service routine with minimal overhead.
At device reset, the reset, interrupt, and trap vectors are mapped to address FF80h in program space.
However, these vectors can be remapped to the beginning of any 128-word page in program space after
device reset. This is done by loading the interrupt vector pointer (IPTR) bits in the PMST register (see
Figure 3−4) with the appropriate 128-word page boundary address. After loading IPTR, any user interrupt or
trap vector is mapped to the new 128-word page.
NOTE: The hardware reset (RS) vector cannot be remapped because a hardware reset loads the IPTR
with 1s. Therefore, the reset vector is always fetched at location FF80h in program space.
15
8
IPTR
R/W
7
65
43
21
0
IPTR
MP/MC
OVLY
AVIS
DROM
CLKOFF
SMUL
SST
R/W
R/W
R/W
R
R
R
R/W
R/W
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3−4. Processor Mode Status (PMST) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com