Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 67 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 67 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 63Page - Intel Corporation 82845GL Datasheet HTML 64Page - Intel Corporation 82845GL Datasheet HTML 65Page - Intel Corporation 82845GL Datasheet HTML 66Page - Intel Corporation 82845GL Datasheet HTML 67Page - Intel Corporation 82845GL Datasheet HTML 68Page - Intel Corporation 82845GL Datasheet HTML 69Page - Intel Corporation 82845GL Datasheet HTML 70Page - Intel Corporation 82845GL Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
67
Register Description
3.5.1.21
FDHC—Fixed SDRAM Hole Control Register (Device 0)
Address Offset:
97h
Default Value:
00h
Access:
R/W, RO
Size:
8 bits
This 8-bit register controls a fixed SDRAM hole from 15 MB–16 MB.
3.5.1.22
SMRAM—System Management RAM Control Register (Device 0)
Address Offset:
9Dh
Default Value:
02h
Access:
R/W, RO, L
Size:
8 bits
The SMRAMC register controls how accesses to Compatible and Extended SMRAM spaces are
treated. The open, close, and lock bits function only when G_SMRAME bit is set to a 1. Also, the
open bit must be reset before the lock bit is set.
Bit
Description
7
Hole Enable (HEN).
This field enables a memory hole in SDRAM space. The SDRAM that lies
“behind” this space is not remapped.
0 = No memory hole
1 = Memory hole from 15 MB to 16 MB.
6:0
Reserved.
Bit
Description
7
Reserved.
6
SMM Space Open (D_OPEN)—R/W, L.
When D_OPEN=1 and D_LCK=0, the SMM space SDRAM
is made visible even when SMM decode is not active. This is intended to help BIOS initialize SMM
space. Software should ensure that D_OPEN=1 and D_CLS=1 are not set at the same time.
5
SMM Space Closed (D_CLS)—R/W.
When D_CLS = 1, SMM space SDRAM is not accessible to
data references, even if SMM decode is active. Code references may still access SMM space
SDRAM. This will allow SMM software to reference through SMM space to update the display even
when SMM is mapped over the VGA range. Software should ensure that D_OPEN=1 and D_CLS=1
are not set at the same time. Note that the D_CLS bit only applies to Compatible SMM space.
4
SMM Space Locked (D_LCK)—R/W, L.
When D_LCK is set to 1, D_OPEN is reset to 0; D_LCK,
D_OPEN, C_BASE_SEG, H_SMRAM_EN, TSEG_SZ and TSEG_EN become read only. D_LCK
can be set to 1 via a normal configuration space write but can only be cleared by a Full Reset. The
combination of D_LCK and D_OPEN provide convenience with security. The BIOS can use the
D_OPEN function to initialize SMM space and then use D_LCK to “lock down” SMM space in the
future so that no application software (or BIOS itself) can violate the integrity of SMM space, even if
the program has knowledge of the D_OPEN function.
3
Global SMRAM Enable (G_SMRARE)—R/W, L.
If set to a 1, Compatible SMRAM functions are
enabled, providing 128 KB of SDRAM accessible at the A0000h address while in SMM (ADS# with
SMM decode). To enable Extended SMRAM function this bit has be set to 1. Refer to Chapter 5 for
more details. Once D_LCK is set, this bit becomes read only.
2:0
Compatible SMM Space Base Segment (C_BASE_SEG)—R/W, L.
This field indicates the location
of SMM space. SMM SDRAM is not remapped. It is simply made visible if the conditions are right to
access SMM space, otherwise the access is forwarded to the hub interface. Since the GMCH
supports only the SMM space between A0000h and BFFFFh, this field is hardwired to 010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com