Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 70 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 70 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 66Page - Intel Corporation 82845GL Datasheet HTML 67Page - Intel Corporation 82845GL Datasheet HTML 68Page - Intel Corporation 82845GL Datasheet HTML 69Page - Intel Corporation 82845GL Datasheet HTML 70Page - Intel Corporation 82845GL Datasheet HTML 71Page - Intel Corporation 82845GL Datasheet HTML 72Page - Intel Corporation 82845GL Datasheet HTML 73Page - Intel Corporation 82845GL Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 193 page
background image
Register Description
70
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.26
AGPCMD—AGP Command Register (Device 0)
Address Offset:
A8–ABh
Default Value:
00000000h
Access:
RO, R/W
Size:
32 bits
This register provides control of the AGP operational parameters.
3.5.1.27
AGPCTRL—AGP Control Register (Device 0)
Address Offset:
B0–B3h
Default Value:
00000000h
Access:
RO, R/W
Size:
32 bits
This register enables additional control of the AGP interface.
Bit
Description
31:10
Intel Reserved.
9
SideBand Addressing Enable (SBAEN).
0 = Disable.
1 = Enable.
8
AGP Enable (AGPEN).
When this bit is reset to 0, the GMCH will ignore all AGP operations,
including the sync cycle. Any AGP operations received while this bit is set to 1 will be serviced even
if this bit is reset to 0. If this bit transitions from a 1 to a 0 on a clock edge in the middle of an SBA
command being delivered in 1X mode the command will be issued. When this bit is set to 1 the
GMCH will respond to AGP operations delivered via PIPE#, or to operations delivered via SBA if the
AGP Side Band Enable bit is also set to 1.
7:5
Intel Reserved.
4
Fast Write Enable (FWEN).
0 =Disable. When this bit is 0 or when the data rate bits are set to 1X mode, the Memory Write
transactions from the GMCH to the AGP master use standard PCI protocol.
1 =Enable. The GMCH uses the Fast Write protocol for Memory Write transactions from the GMCH
to the AGP master. Fast Writes will occur at the data transfer rate selected by the data rate bits
(2:0) in this register.
3
Intel Reserved.
2:0
Data Rate Enable (DRATE).
The setting of these bits determines the AGP data transfer rate. One
(and only one) bit in this field must be set to indicate the desired data transfer rate. The same bit
must be set on both master and target.
001 = 1X Transfer Mode
010 = 2X Transfer Mode
100 = 4X Transfer Mode
Bit
Description
31:8
Intel Reserved.
7
GTLB Enable (GTLBEN).
0 =Disable (default). The GTLB is flushed by clearing the valid bits associated with each entry.
1 =Enable. Normal operations of the Graphics Translation Lookaside Buffer.
6:0
Intel Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com