Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 96 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 96 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 92Page - Intel Corporation 82845GL Datasheet HTML 93Page - Intel Corporation 82845GL Datasheet HTML 94Page - Intel Corporation 82845GL Datasheet HTML 95Page - Intel Corporation 82845GL Datasheet HTML 96Page - Intel Corporation 82845GL Datasheet HTML 97Page - Intel Corporation 82845GL Datasheet HTML 98Page - Intel Corporation 82845GL Datasheet HTML 99Page - Intel Corporation 82845GL Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 193 page
background image
Register Description
96
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.3.6
CC—Class Code Register (Device 2)
Address Offset:
09h
−0Bh
Default Value:
030000h
Access:
RO
Size:
24 bits
This register contains the device programming interface information related to the Sub-Class Code
and Base Class Code definition for the IGD. This register also contains the Base Class Code and
the function sub-class in relation to the Base Class Code.
3.5.3.7
CLS—Cache Line Size Register (Device 2)
Address Offset:
0Ch
Default Value:
00h
Access:
RO
Size:
8 bits
The IGD does not support this register as a PCI slave.
3.5.3.8
MLT2—Master Latency Timer Register (Device 2)
Address Offset:
0Dh
Default Value:
00h
Access:
RO
Size:
8 bits
The IGD does not support the programmability of the master latency timer because it does not
perform bursts.
Bit
Description
23:16
Base Class Code (BASEC).
03=Display controller
15:8
Sub-Class Code (SCC).
Function 0: 00h=VGA compatible or 80h=Non VGA; based on Device 0 GC bit 1.
Function 1: 80h=Non VGA;
7:0
Programming Interface (PI).
00h=Hardwired as a Display controller.
Bit
Description
7:0
Cache Line Size (CLS).
This field is hardwired to zeros. The IGD, as a PCI compliant master, does
not use the Memory Write and Invalidate command and, in general, does not perform operations
based on cache line size.
Bit
Description
7:0
Master Latency Timer Count Value.
Hardwired to zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com