Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 97 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 97 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 93Page - Intel Corporation 82845GL Datasheet HTML 94Page - Intel Corporation 82845GL Datasheet HTML 95Page - Intel Corporation 82845GL Datasheet HTML 96Page - Intel Corporation 82845GL Datasheet HTML 97Page - Intel Corporation 82845GL Datasheet HTML 98Page - Intel Corporation 82845GL Datasheet HTML 99Page - Intel Corporation 82845GL Datasheet HTML 100Page - Intel Corporation 82845GL Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
97
Register Description
3.5.3.9
HDR2—Header Type Register (Device 2)
Address Offset:
0Eh
Default Value:
00h
Access:
RO
Size:
8 bits
This register contains the Header Type of the IGD.
3.5.3.10
GMADR —Graphics Memory Range Address Register (Device 2)
Address Offset:
10
−13h
Default Value:
00000008h
Access:
R/W, RO
Size:
32 bits
This register requests allocation for the IGD graphics memory. The allocation is for either 64 MB
or 128 MB and the base address is defined by bits [31:27,26].
Bit
Description
7:0
Header Code (H).
This is an 8-bit value that indicates the Header Code for the IGD.
00h = Single function device with a type 0 configuration space format.
Bit
Description
31:27
Memory Base Address—R/W.
Set by the operating system. These bits correspond to address
signals [31:26].
26
128MB Address Mask—RO, R/W.
The operation of this bit is controlled via Device 0 register
GCCR. If the signal is low this bit is Read Only with a value of 0, indicating a memory range of
128 MB. If the signal is high, this bit becomes R/W, indicating a memory range of 64 MB (where
system software will program the bit to the appropriate address bit value).
25:4
Address Mask—RO.
Hardwired to zeros to indicate (at least) a 32-MB address range.
3
Prefetchable Memory—RO.
Hardwired to 1 to enable prefetching.
2:1
Memory Type—RO.
Hardwired to 0 to indicate 32-bit address.
0
Memory/IO Space—RO.
Hardwired to 0 to indicate memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com