Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 57 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 57 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 53Page - Intel Corporation 82845GL Datasheet HTML 54Page - Intel Corporation 82845GL Datasheet HTML 55Page - Intel Corporation 82845GL Datasheet HTML 56Page - Intel Corporation 82845GL Datasheet HTML 57Page - Intel Corporation 82845GL Datasheet HTML 58Page - Intel Corporation 82845GL Datasheet HTML 59Page - Intel Corporation 82845GL Datasheet HTML 60Page - Intel Corporation 82845GL Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
57
Register Description
3.5.1.14
AGPM
—AGP Miscellaneous Configuration Register (Device 0)
Address Offset:
51h
Default Value:
00h
Access:
R/W
Size:
8 bits
Bit
Description
7:2
Reserved.
1
Aperture Access Global Enable (APEN).
This bit is used to prevent access to the graphics
aperture from any port (CPU, HI, or AGP/PCI_B) before the aperture range is established by the
configuration software and the appropriate translation table in the main SDRAM has been initialized.
0 = Disable. (Default). This field must be set after the system is fully configured in order to enable
aperture accesses.
1 = Enable.
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com