Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 74 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 74 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 70Page - Intel Corporation 82845GL Datasheet HTML 71Page - Intel Corporation 82845GL Datasheet HTML 72Page - Intel Corporation 82845GL Datasheet HTML 73Page - Intel Corporation 82845GL Datasheet HTML 74Page - Intel Corporation 82845GL Datasheet HTML 75Page - Intel Corporation 82845GL Datasheet HTML 76Page - Intel Corporation 82845GL Datasheet HTML 77Page - Intel Corporation 82845GL Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 193 page
background image
Register Description
74
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.33
ERRSTS—Error Status Register (Device 0)
Address Offset:
C8–C9h
Default Value:
0000h
Access:
R/WC
Size:
16 bits
This register is used to report various error conditions via the SERR HI messaging mechanism. An
SERR HI message is generated on a zero to one transition of any of these flags (if enabled by the
ERRCMD and PCICMD registers). These bits are set regardless of whether or not the SERR is
enabled and generated.
Note: Software clears bits in this register by writing a 1 to the bit position.
Bit
Description
15:10
Intel Reserved.
9
Non-DRAM Lock Error (NDLOCK).
1 = The GMCH has detected a lock operation to memory space that did not map into SDRAM.
8
Software Generated SMI Flag.
1 = This indicates the source of an SMI was a Software SMI Trigger.
7
Intel Reserved.
6
SERR on HI Target Abort (TAHLA).
1 = GMCH has detected that an GMCH originated hub interface cycle was terminated with a Target
Abort completion packet or special cycle.
5
GMCH Detects Unimplemented HI Special Cycle (HIAUSC).
1 = GMCH detected an Unimplemented Special Cycle on the hub interface.
4
AGP Access Outside of Graphics Aperture Flag (OOGF).
1 = AGP access occurred to an address that is outside of the graphics aperture range.
3
Invalid AGP Access Flag (IAAF).
1 = AGP access was attempted outside of the graphics aperture and either to the 640 KB –1 MB
range or above the top of memory.
2
Invalid Graphics Aperture Translation Table Entry (ITTEF).
1 = An invalid translation table entry was returned in response to an AGP access to the graphics
aperture.
1:0
Intel Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com