Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 88 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 88 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 84Page - Intel Corporation 82845GL Datasheet HTML 85Page - Intel Corporation 82845GL Datasheet HTML 86Page - Intel Corporation 82845GL Datasheet HTML 87Page - Intel Corporation 82845GL Datasheet HTML 88Page - Intel Corporation 82845GL Datasheet HTML 89Page - Intel Corporation 82845GL Datasheet HTML 90Page - Intel Corporation 82845GL Datasheet HTML 91Page - Intel Corporation 82845GL Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 193 page
background image
Register Description
88
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.2.18
MLIMIT1—Memory Limit Address Register (Device 1)
Address Offset:
22–23h
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
This register controls the CPU to PCI_B non-prefetchable memory access routing based on the
following formula:
MEMORY_BASE
≤ address ≤ MEMORY_LIMIT
The upper 12 bits of the register are read/write and correspond to the upper 12 address bits
A[31:20] of the 32-bit address. The bottom four bits of this register are read-only and return zeros
when read. This register must be initialized by the configuration software. For the purpose of
address decode, address bits A[19:0] are assumed to be FFFFFh. Thus, the top of the defined
memory address range will be at the top of a 1-MB aligned memory block.
Note: Memory range covered by MBASE and MLIMIT registers are used to map non-prefetchable
PCI_B/AGP address ranges (typically, where control/status memory-mapped I/O data structures of
the graphics controller will reside) and PMBASE and PMLIMIT are used to map prefetchable
address ranges (typically graphics local memory). This segregation allows application of USWC
space attribute to be performed in a true plug-and-play manner to the prefetchable address range
for improved processor-AGP memory access performance.
Note: Configuration software is responsible for programming all address range registers (prefetchable,
non-prefetchable) with the values that provide exclusive address ranges (i.e., prevent overlap with
each other and/or with the ranges covered with the main memory). There is no provision in the
GMCH hardware to enforce prevention of overlap and operations of the system in the case of
overlap are not guaranteed.
Bit
Description
15:4
Memory Address Limit (MLIMIT).
Corresponds to A[31:20] of the memory address that corresponds
to the upper limit of the range of memory accesses that will be passed by the Device 1 bridge to AGP/
PCI_B.
3:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com