Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 38 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 38 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 34Page - Intel Corporation 82845GL Datasheet HTML 35Page - Intel Corporation 82845GL Datasheet HTML 36Page - Intel Corporation 82845GL Datasheet HTML 37Page - Intel Corporation 82845GL Datasheet HTML 38Page - Intel Corporation 82845GL Datasheet HTML 39Page - Intel Corporation 82845GL Datasheet HTML 40Page - Intel Corporation 82845GL Datasheet HTML 41Page - Intel Corporation 82845GL Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 193 page
background image
Signal Description
38
Intel® 82845G/82845GL/82845GV GMCH Datasheet
2.10
Functional Straps
2.11
GMCH Sequencing Requirements
Power Plane and Sequencing Requirements:
• Clock Valid Timing:
• GCLKIN must be valid at least 10 µs prior to the rising edge of PWROK.
• HCLKN/HCLKP must be valid at least 10 µs prior to the rising edge of RSTIN#.
• There is no DREFCLK timing requirements relative to reset.
Signal Name
Type
Description
PSBSEL
I
PSB Frequency Select: The PSBSEL is tied to the external BSEL resistor-divider
circuitry. The value of the PSBSEL pin reflects the PSB frequency. The PSB runs at
400 MHz when PSBSEL is a 0 and runs at 533 MHz when PSBSEL is a 1.
MEMSEL
I
Memory Configuration Select: This pin selects the SDR or DDR board
configuration. The pin should be unconnected for DDR configuration. For SDR
configuration, a pull-down resistor is required. Refer to the Intel® Pentium® 4
Processor in 478-Pin Package and Intel® 845G/845GL/845GV Chipset Platform
Design Guide for details.
Figure 2-2. Intel® GMCH System Clock and Reset Requirements
RSTIN#
PWROK
~1 ms
POWER
HCLKN/HCLKP
valid
GCLKIN
valid
~100 ms
10 µs
min
10 µs
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com