Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 35 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 35 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 31Page - Intel Corporation 82845GL Datasheet HTML 32Page - Intel Corporation 82845GL Datasheet HTML 33Page - Intel Corporation 82845GL Datasheet HTML 34Page - Intel Corporation 82845GL Datasheet HTML 35Page - Intel Corporation 82845GL Datasheet HTML 36Page - Intel Corporation 82845GL Datasheet HTML 37Page - Intel Corporation 82845GL Datasheet HTML 38Page - Intel Corporation 82845GL Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
35
Signal Description
2.6
Analog Display
Signal Name
Type
Description
HSYNC
O
3.3 V
GPIO
CRT Horizontal Synchronization: This signal is used as the horizontal sync
(polarity is programmable) or “sync interval”.
VSYNC
O
3.3 V
GPIO
CRT Vertical Synchronization: This signal is used as the vertical sync (polarity
is programmable).
RED
O
Analog
RED Analog Video Output: This signal is a CRT Analog video output from the
internal color palette DAC. The DAC is designed for a 37.5
Ω equivalent load on
each signal (e.g., 75
Ω resistor on the board, in parallel with a 75 Ω CRT load).
RED#
O
Analog
RED# Analog Output: This signal is a truly differential analog video output from
the internal color palette DAC. Refer to the Intel® Pentium® 4 Processor in 478-
Pin Package and Intel® 845G/845GL/845GV Chipset Platform Design Guide for
routing recommendations. This signal is used to provide noise immunity.
GREEN
O
Analog
GREEN Analog Video Output: This signal is a CRT Analog video output from
the internal color palette DAC. The DAC is designed for a 37.5
Ω equivalent
load on each signal (e.g., 75
Ω resistor on the board, in parallel with a 75 Ω CRT
load).
GREEN#
O
Analog
GREEN# Analog Output: This signal is a truly differential analog video output
from the internal color palette DAC. Refer to the Intel® Pentium® 4 Processor in
478-Pin Package and Intel® 845G/845GL/845GV Chipset Platform Design
Guide for routing recommendations. This signal is used to provide noise
immunity.
BLUE
O
Analog
BLUE Analog Video Output: This signal is a CRT Analog video output from
the internal color palette DAC. The DAC is designed for a 37.5
Ω equivalent
load on each signal (e.g., 75
Ω resistor on the board, in parallel with a 75 Ω CRT
load).
BLUE#
O
Analog
BLUE# Analog Output: This signal is a truly differential analog video output
from the internal color palette DAC. Refer to the Intel® Pentium® 4 Processor in
478-Pin Package and Intel® 845G/845GL/845GV Chipset Platform Design
Guide for routing recommendations. This signal is used to provide noise
immunity.
REFSET
I
Analog
Resistor Set: Set point resistor for the internal color palette DAC. A 137
Ω, 1%
resistor is required between REFSET and GND.
DDCA_CLK
I/O
3.3 V
GPIO
Analog DDC Clock: Clock signal for the I2C style interface that connects to
Analog CRT Display.
NOTE: This signal may need to be level shifted to 5 V.
DDCA_DATA
I/O
3.3 V
GPIO
Analog DDC Data: Data signal for the I2C style interface that connects to
Analog CRT Display.
NOTE: This signal may need to be level shifted to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com