Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 64 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 64 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 60Page - Intel Corporation 82845GL Datasheet HTML 61Page - Intel Corporation 82845GL Datasheet HTML 62Page - Intel Corporation 82845GL Datasheet HTML 63Page - Intel Corporation 82845GL Datasheet HTML 64Page - Intel Corporation 82845GL Datasheet HTML 65Page - Intel Corporation 82845GL Datasheet HTML 66Page - Intel Corporation 82845GL Datasheet HTML 67Page - Intel Corporation 82845GL Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 193 page
background image
Register Description
64
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.20
PAM[0:6]—Programmable Attribute Map Registers (Device 0)
Address Offset:
90–96h
Default Value:
00h
Attribute:
R/W, RO
Size:
8 bits
The GMCH allows programmable memory attributes on 13 Legacy memory segments of various
sizes in the 768-KB to 1-MB address range. Seven Programmable Attribute Map (PAM) Registers
are used to support these features. Cacheability of these areas is controlled via the MTRR registers
in the processor. Two bits are used to specify memory attributes for each memory segment. These
bits apply to host initiator only access to the PAM areas. The GMCH forwards to main memory for
any AGP, PCI or hub interface initiated accesses to the PAM areas. These attributes are:
• RE - Read Enable. When RE = 1, the host read accesses to the corresponding memory
segment are claimed by the GMCH and directed to main memory. Conversely, when RE = 0,
the host read accesses are directed to PCI_A.
• WE - Write Enable. When WE = 1, the host write accesses to the corresponding memory
segment are claimed by the GMCH and directed to main memory. Conversely, when WE = 0,
the host write accesses are directed to PCI_A.
The RE and WE attributes permit a memory segment to be Read Only, Write Only, Read/Write, or
disabled. For example, if a memory segment has RE = 1 and WE = 0, the segment is Read Only.
Each PAM Register controls two regions, typically 16 KB in size. Each of these regions has a 4-bit
field. The four bits that control each region have the same encoding and defined in the following
table.
3:1
Intel Reserved.
0
DRAM Type (DT)—RO.
This bit indicates SDRAM type.
0 = Single Data Rate (SDR) SDRAM
1 = Double Data Rate (DDR) SDRAM
Bit
Description
Bits [7, 3]
Reserved
Bits [6, 2]
Reserved
Bits [5, 1]
WE
Bits [4, 0]
RE
Description
XX
0
0
Disabled DRAM is disabled and all accesses are
directed to the Hub Interface A. The MCH does not
respond as a PCI target for any read or write
access to this area.
XX
0
1
Read Only. Reads are forwarded to DRAM and
writes are forwarded to the Hub Interface A for
termination. This write protects the corresponding
memory segment. The MCH will respond as an
AGP or the Hub Interface A target for read
accesses but not for any write accesses.
XX
1
0
Write Only. Writes are forwarded to DRAM and
reads are forwarded to the Hub Interface for
termination. The MCH will respond as an AGP or
Hub Interface A target for write accesses but not
for any read accesses.
XX
1
1
Read/Write. This is the normal operating mode of
main memory. Both read and write cycles from the
host are claimed by the MCH and forwarded to
DRAM. The MCH will respond as an AGP or the
Hub Interface A target for both read and write
accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com