Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 62 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 62 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 58Page - Intel Corporation 82845GL Datasheet HTML 59Page - Intel Corporation 82845GL Datasheet HTML 60Page - Intel Corporation 82845GL Datasheet HTML 61Page - Intel Corporation 82845GL Datasheet HTML 62Page - Intel Corporation 82845GL Datasheet HTML 63Page - Intel Corporation 82845GL Datasheet HTML 64Page - Intel Corporation 82845GL Datasheet HTML 65Page - Intel Corporation 82845GL Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 193 page
background image
Register Description
62
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.18
DRT
—DRAM Timing Register (Device 0)
Address Offset:
78–7Bh
Default Value:
00000000h
Access:
Read/Write
Size:
32 bits
This register controls the timing of the DRAM controller.
Bit
Description
31:18
Intel Reserved.
17:15
DRAM Idle Timer.
This field determines the number of clocks the SDRAM controller will remain in
the idle state before it begins pre-charging all pages.
000 = Infinite
001 = 0
010 = 8 DRAM clocks
011 = 16 DRAM clocks
100 = 64 DRAM clocks
Others = reserved
14:12
Intel Reserved.
11
Activate to Precharge Delay (tRAS), MAX.
This bit controls the maximum number of clocks that a
DRAM (SDR or DDR) bank can remain open. After this time period, the DRAM controller will
guarantee to pre-charge the bank. Note that this time period may or may not be set to overlap with
time period that requires a refresh to happen.
The DRAM controller incudes a separate tRAS-MAX counter for every supported bank. With a
maximum of four row and four banks per row, there are 16 counters.
0 = 120
µs
1 = Reserved.
10:9
Activate to Precharge delay (tRAS), MIN.
This bit controls the number of DRAM clocks for tRAS
minimum.
00 = 8 Clocks
01 = 7 Clocks
10 = 6 Clocks
11 = 5 Clocks
8:7
Intel Reserved.
6:5
CAS# Latency (tCL).
Encoding
SDR CL
DDR CL
00
Reserved
2.5
01
3
2
10
2
Reserved
11
Reserved
Reserved
4
Intel Reserved.
3:2
DRAM RAS# to CAS# Delay (tRCD).
This bit controls the number of clocks inserted between a row
activate command and a read or write command to that row.
01 = 3 DRAM Clocks
10 = 2 DRAM Clocks
11 = Reserved
1:0
DRAM RAS# Precharge (tRP).
This bit controls the number of clocks that are inserted between a
row precharge command and an activate command to the same row.
00 = Intel Reserved
01 = 3 DRAM Clocks
10 = 2 DRAM Clocks
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com