Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 31 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 31 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 27Page - Intel Corporation 82845GL Datasheet HTML 28Page - Intel Corporation 82845GL Datasheet HTML 29Page - Intel Corporation 82845GL Datasheet HTML 30Page - Intel Corporation 82845GL Datasheet HTML 31Page - Intel Corporation 82845GL Datasheet HTML 32Page - Intel Corporation 82845GL Datasheet HTML 33Page - Intel Corporation 82845GL Datasheet HTML 34Page - Intel Corporation 82845GL Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
31
Signal Description
2.4.5
PCI Signals–AGP Semantics
PCI signals are redefined when used in AGP transactions carried using AGP protocol extension.
For transactions on the AGP interface carried using PCI protocol, these signals completely
preserve PCI Local Bus Specification, Revision 2.1 semantics. The exact roles of all PCI signals
during AGP transactions are defined below.
NOTES:
1. PCIRST# from the ICH4 is connected to RSTIN# and is used to reset AGP interface logic within the GMCH.
The AGP agent will also typically use PCIRST# provided by the ICH4 as an input to reset its internal logic.
2. The LOCK# signal is not supported on the AGP Interface (even for PCI operations).
3. The PERR# and SERR# signals are not supported on the AGP interface.
Signal Name
Type
Description
GFRAME#
I/O s/t/s
AGP
Frame: GFRAME# is an output from the GMCH during Fast Writes.
GIRDY#
I/O s/t/s
AGP
Initiator Ready: GIRDY# indicates the AGP compliant master is ready to
provide all write data for the current transaction. Once GIRDY# is asserted for a
write operation, the master is not allowed to insert wait states. The assertion of
GIRDY# for reads indicates that the master is ready to transfer to a subsequent
block (4 clocks) of read data. The master is never allowed to insert a wait state
during the initial data transfer (first 4 clocks) of a read transaction. However, it
may insert wait states after each 4 clock block is transferred.
NOTE: There is no GFRAME# – GIRDY# relationship for AGP transactions.
GTRDY#
I/O s/t/s
AGP
Target Ready: GTRDY# indicates the AGP compliant target is ready to provide
read data for the entire transaction (when the transfer size is less than or equal
to 4 clocks) or is ready to transfer the initial or subsequent block (four clocks) of
data when the transfer size is greater than four clocks. The target is allowed to
insert wait-states after each block (four clocks) is transferred on both read and
write transactions.
GSTOP#
I/O s/t/s
AGP
Stop: Same as PCI. Not used by AGP.
GDEVSEL#
I/O s/t/s
AGP
Device Select: Same as PCI. Not used by AGP.
GREQ#
I
AGP
Request: Same as PCI. This signal is used to request access to the bus to
initiate a PCI or AGP request.
GGNT#
O
AGP
Grant: Same meaning as PCI but additional information is provided on
GST[2:0]. The additional information indicates that the selected master is the
recipient of previously requested read data (high or normal priority); it is to
provide write data (high or normal priority), for a previously queued write
command or has been given permission to start a bus transaction (AGP or PCI).
GAD_[31:0]
I/O AGP
Address: Same as PCI.
GC/BE_[3:0]#
I/O AGP
Command/Byte Enable: These signals have a slightly different meaning for
AGP. Provides command information (different commands than PCI) when
requests are being queued when using GPIPE#. Provide valid byte information
during AGP write transactions and are not used during the return of read data.
GPAR/
ADD_DETECT
I/O AGP
PAR: Same as PCI. Not used on AGP transactions but used during PCI
transactions as defined by the PCI Local Bus Specification, Revision 2.1.
ADD_DETECT: The 82845G GMCH multiplexes an ADD_DETECT signal with
the GPAR signal on the AGP bus. This signal acts as a strap and indicates
whether the interface is in AGP or DVO mode. The 82845G GMCH has an
internal pull-up on this signal that will naturally pull it high. If an ADD card is
present, the signal will be pulled low on the ADD card and the AGP/DVO
multiplex select bit in the GMCHCFG register will be set to DVO mode.
Motherboards that use this interface in a DVO down scenario (no AGP
connector) should have a pull-down resistor on ADD_DETECT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com