Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 61 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 61 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 57Page - Intel Corporation 82845GL Datasheet HTML 58Page - Intel Corporation 82845GL Datasheet HTML 59Page - Intel Corporation 82845GL Datasheet HTML 60Page - Intel Corporation 82845GL Datasheet HTML 61Page - Intel Corporation 82845GL Datasheet HTML 62Page - Intel Corporation 82845GL Datasheet HTML 63Page - Intel Corporation 82845GL Datasheet HTML 64Page - Intel Corporation 82845GL Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
61
Register Description
3.5.1.17
DRA
—DRAM Row Attribute Register (Device 0)
Address Offset:
70–71h (72–77h Reserved)
Default Value:
00h
Access:
R/W
Size:
8 bits
The DRAM Row Attribute Register defines the page sizes to be used when accessing different
pairs of rows. Each nibble of information in the DRA registers describes the page size of a pair of
rows:
Row0, 1:
70h
Row2, 3:
71h
76
432
0
R
Row Attribute for Row 1
R
Row Attribute for Row 0
76
432
0
R
Row Attribute for Row 3
R
Row Attribute for Row 2
Bit
Description
7
Reserved.
6:4
Row Attribute for Odd-numbered Row.
This field defines the page size of the corresponding row.
000 = 2 KB
001 = 4 KB
010 = 8 KB
011 = 16 KB
Others = Reserved
3
Reserved.
2:0
Row Attribute for Even-numbered Row.
This field defines the page size of the corresponding row.
000 = 2 KB
001 = 4 KB
010 = 8 KB
011 = 16 KB
Others = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com