Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 60 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 60 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 56Page - Intel Corporation 82845GL Datasheet HTML 57Page - Intel Corporation 82845GL Datasheet HTML 58Page - Intel Corporation 82845GL Datasheet HTML 59Page - Intel Corporation 82845GL Datasheet HTML 60Page - Intel Corporation 82845GL Datasheet HTML 61Page - Intel Corporation 82845GL Datasheet HTML 62Page - Intel Corporation 82845GL Datasheet HTML 63Page - Intel Corporation 82845GL Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 193 page
background image
Register Description
60
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.16
DRB[0:3]
—DRAM Row Boundary Register (Device 0)
Address Offset:
60–63h (64h–6Fh Reserved)
Default Value:
01h
Access:
Read/Write
Size:
8 bits
The DRAM Row Boundary Register defines the upper boundary address of each DRAM row with
a granularity of 32 MB. Each row has its own single-byte DRB register. For example, a value of 1
in DRB0 indicates that 32 MB of DRAM has been populated in the first row. Since the GMCH
supports a total of four rows of memory, only DRB[0:3] are used.
Row0:
60h
Row1:
61h
Row2:
62h
Row3:
63h
64h–6Fh:
Reserved
DRB0 = Total memory in row0 (in 32-MB increments)
DRB1 = Total memory in row0 + row1 (in 32-MB increments)
DRB2 = Total memory in row0 + row1 + row2 (in 32-MB increments)
DRB3 = Total memory in row0 + row1 + row2 + row3 (in 32-MB increments)
Each Row is represented by a byte. Each byte has the following format.
Bit
Description
7:0
DRAM Row Boundary Address.
This 8-bit value defines the upper and lower addresses for each
SDRAM row. This 8-bit value is compared against a set of address lines to determine the upper
address limit of a particular row.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com