Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 147 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 147 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 143Page - Intel Corporation 82845GL Datasheet HTML 144Page - Intel Corporation 82845GL Datasheet HTML 145Page - Intel Corporation 82845GL Datasheet HTML 146Page - Intel Corporation 82845GL Datasheet HTML 147Page - Intel Corporation 82845GL Datasheet HTML 148Page - Intel Corporation 82845GL Datasheet HTML 149Page - Intel Corporation 82845GL Datasheet HTML 150Page - Intel Corporation 82845GL Datasheet HTML 151Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
147
Electrical Characteristics
Electrical Characteristics
6
This chapter contains the thermal characteristics, power characteristics and DC characteristics for
the GMCH component.
Note: SDR signals are multiplexed with DDR signals. The specific signal’s timing and voltage level is
dependent on the 845G GMCH memory mode selected. This document differentiates the two by
following each signal with either SDR or DDR, as appropriate.
6.1
Absolute Maximum Ratings
Table 6-1 lists the GMCH’s maximum environmental stress ratings. Functional operation at the
absolute maximum and minimum is neither implied nor guaranteed. Functional operating
parameters are listed in the DC characteristics tables.
Warning: Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. Operating beyond the “operating conditions” is not recommended and
extended exposure beyond “operating conditions” may affect reliability.
6.2
Thermal Characteristics
The GMCH is designed for operation at die temperatures between 0
°C and 97 °C. The thermal
resistance of the package is given in Table 6-2. See the Intel® 845G/845GL /845GV Chipset:
Intel® 82845G/82845GL Graphics and Memory Controller Hub (GMCH) Thermal and
Mechanical Design Guidelines for more information.
NOTE:
Refer to the Intel® 845G/845GL/845GV Chipset: Intel® 82845G/82845GL/82845GV Graphics and
Memory Controller Hub (GMCH) Thermal and Mechanical Design Guidelines
for more information.
Table 6-1. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Tdie
Die Temperature under Bias
0
97
°C
Tstorage
Storage Temperature
-55
150
°C
VCC1_5
1.5 V Supply Voltage with respect to VSS
-0.3
1.75
V
VTT
AGTL+ buffer DC input voltage with respect to VSS
-0.3
1.75
V
VCCSM(DDR)
2.5 V DDR Supply Voltage with respect to VSS
-0.5
3
V
VCCSM(SDR)
3.3 V Supply Voltage with respect to VSS
-0.3
3.6
V
Table 6-2. Intel® 82845G GMCH Package Thermal Resistance
Parameter
Airflow Velocity in Meters/Second
No Air Flow
1 m/s
Ψjt (°C/Watt)**
(see note)
(see note)
Θja (°C/Watt)**
(see note)
(see note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com