Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 173 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 173 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 169Page - Intel Corporation 82845GL Datasheet HTML 170Page - Intel Corporation 82845GL Datasheet HTML 171Page - Intel Corporation 82845GL Datasheet HTML 172Page - Intel Corporation 82845GL Datasheet HTML 173Page - Intel Corporation 82845GL Datasheet HTML 174Page - Intel Corporation 82845GL Datasheet HTML 175Page - Intel Corporation 82845GL Datasheet HTML 176Page - Intel Corporation 82845GL Datasheet HTML 177Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
173
Testability
Testability
8
In the GMCH, testability for Automated Test Equipment (ATE) board level testing has been
implemented as an XOR chain. An XOR-tree is a chain of XOR gates, each with one input pin
connected to it.
8.1
XOR Test Mode Initialization
XOR test mode can be entered by driving GSBA[6] and GSBA[7] low, and TESTIN# low, and
PWROK low, and RSTIN# low, then drive PWROK high, then RSTIN# high. XOR test mode via
TESTIN# does not require a clock.
8.2
XOR Chain Definition
The GMCH has nine XOR chains. The XOR chain outputs are driven out on the DDR output pins
(see Table 8-1).
Table 8-2, Table 8-3, and Table 8-4 show the XOR chain pin mappings and their monitors for the
GMCH.
Note: Only AGP differential STROBEs are on different chains but in the same channel group. The rest of
the interfaces’ STROBEs are on the same chain, since they do not require opposite polarity at all
the times. All XOR chains can be run in parallel except chains with AGP strobes. Thus, chain 0 and
chain 1 cannot be run in parallel; similarly chain 2 and chain 3.
Note: The Channel A and Channel B output pins for each Chain show the same output.
Table 8-1. XOR Chain Output Pins
XOR Chain
DDR Output Pin
Channel A
DDR Output Pin
Channel B
0
SMAA_0
SMAA_7
1
SMAA_1
SMAA_8
2
SMAA_2
SMAA_9
3
SMAA_3
SMAA_10
4SMAA_4
SMAA_11
5
SMAA_5
SMAA_12
6SMAA_6
SWE#
7
SRAS#
SCAS#
8
SBA_0
SBA_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com