Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 9Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 10Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 11Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 12Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 13Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 14Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 15Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 16Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-13-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
Pin
Name
I/O/IPU/IPD
Description
E1
RF1_PA_PE
O
0~3.3V control for external PA1 (20mA) for
RT3052F
NC
For RT3050F
C10
RF0_LNA_PE
O
External LNA0 3.3 V power (50mA)
B12
RF1_LNA_PE
O
External LNA1 3.3 V power (50mA) for RT3052F
NC
For RT3050F
B8
RF0_TSSI_IN
I
TX signal strength monitor input0 (0 ~3.3V)
D7
RF1_TSSI_IN
I
TX signal strength monitor input1 (0 ~3.3V) for
RT3052F
NC
For RT3050F
B3
RF_BB1_V12A
P
1.2V Supply for analog baseband
A8
RF_BB2_V12A
P
1.2V Supply for analog baseband
D3
RF0_LO _V12 A
P
1.2V Supply for LO & IF
E3
RF1_LO _V12 A
P
1.2V Supply for LO & IF
A1
RF0_V12 A
P
1.2V Supply for RF channel 0
C2
RF1_V12 A
P
1.2V Supply for RF channel 1
E2
RF_V33A
P
3.3V supply for PA Enable drivers (40mA)
B4
VCO_VCO_V12A
P
1.2V Supply for VCO core
A5
PLL_VC_CAP
I/O
PLL external loop filter
B10
ADC_V12D
P
1.2V supply for ADC digital logics
A12
ADC_VREF
I/O
Main ADC referenc e voltage
A11
ADC_VREF025P
I/O
Auxiliary ADC reference voltage (p)
B11
ADC_VREF025N
I/O
Auxiliary ADC reference voltage (n)
B9
ADC_V12A
P
1.2V supply for ADC analog blocks
A10
ADC_VREFP
O
Auxiliary ADC reference voltage (p)
A9
ADC_VREFN
O
Auxiliary ADC reference voltage (n)
C9
BASE_TRX_QN
I/O
Baseband Q 20Mhz debug I/O (negative)
D9
BASE_TRX_QP
I/O
Baseband Q 20Mhz debug I/O (postive)
D8
BASE_TRX_IN
I/O
Baseband I 20Mhz debug I/O (negative)
C8
BASE_TRX_IP
I/O
Baseband I 20Mhz debug I/O (postive)
C12
LDODIG_IN_VX
I
LDO 1.5-2.0V 600mA input
D12
LDO_V33A
P
3.3V supply for LDOs
A13
LDODIG_O UT_V12
O
LDO 1.2V 600mA output for digital core
C11
LDOADC_IN_VX
I
LDO 1.5-2V 200mA input for ADC
D11
LDOADC_O UT_V12
O
LDO 1.2V 200mA output for ADC
B7
LDORF_IN_VX
I
LDO 1.5~2 V 300mA input for RF core and PLL
A7
LDORF_OUT_V12
O
LDO 1.2V 200mA output for RF core
B6
LDOPLL_O UT_V12
O
LDO 1.2V 50mA output for RF PLL
A6
BG_RES_12K
I/O
External reference resistor (12K ohm)
D6
BG_V33A
P
3.3V supply for band gap reference
C6
PLL_X1
I
Crystal oscillator input
C7
PLL_X2
O
Crystal oscillator output
B5
PLL_DIV_V12A
P
1.2V Supply for PLL divider
C5
PLL_PRE_V12A
P
1.2V Supply for PLL prescaler
C4
VCO_LO_V12A
P
1.2V Supply for VCO output buffer
Other power pins : 39 pins
J15
BPLL_DVDD_V12D
P
1.2v PLL digital power supply
J16
BPLL_DVDDA_V12D
P
1.2v PLL digital power supply
J17
BPLL_AVDD_V12A
P
1.2v PLL analog power supply
H17
BPLL_POC_V33D
P
3.3v PLL digital power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com