Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 25Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 26Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 27Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 28Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 29Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 30Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 31Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 32Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-29-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
3.2 Memory Map Summary
Start
End
Size
Description
0000.0000
-
03FF.FFFF
64M
SDRAM
0400.0000
-
0FFF.FFFF
<<Reserved>>
1000.0000
-
1000.00FF
256
SYSCTL
1000.0100
-
1000.01FF
256
TIMER
1000.0200
-
1000.02FF
256
INTCTL
1000.0300
-
1000.03FF
256
MEM_CTRL (SDRAM & Flash/SRAM)
1000.0400
-
1000.04FF
256
PCM
1000.0500
-
1000.05FF
256
UART
1000.0600
-
1000.06FF
256
PIO
1000.0700
-
1000.07FF
256
Generic DMA
1000.0800
-
1000.08FF
256
NAND Flash Controller
1000.0900
-
1000.09FF
256
I2C
1000.0A00
-
1000.0AFF
256
I2S
1000.0B00
-
1000.0BFF
256
SPI
1000.0C00
-
1000.0CFF
256
UARTLITE
1000.0D00
-
100F.FFFF
<<Reserved>>
1010.0000
-
1010.FFFF
64K
Frame Engine
1011.0000
-
1011.7FFF
32K
Ethernet Switch
1011.8000
1011.9FFF
8K
ROM
1011_a000
1011_FFFF
<<Reserved>>
1012.0000
-
1012.7FFF
32K
<<Reserved>>
1012.8000
1012.FFFF
32K
<<Reserved>>
1013.0000
-
1013.7FFF
32K
<<Reserved>>
1013.8000
-
1013.FFFF
32K
<<Reserved>>
1014.0000
-
1017.FFFF
256K
<<Reserved>>
1018.0000
-
101B.FFFF
256K
802.11n MAC/BBP
101C.0000
-
101F.FFFF
256K
USB OTG
1020.0000
-
1AFF.FFFF
<<Reserved>>
1B00.0000
-
1BFF.FFFF
16MB
External SRAM/Flash
1C00.0000
-
1EFF.FFFF
<<Reserved>>
1F00.0000
-
1FFF.FFFF
16MB(flash)
or
4KB(ram)
or
8KB(rom)
When BOOT_FROM = 2’b00,
up-to 16MB ex ternal 16-bit flash is mapped.
When BOOT_FROM = 2’b01,
up-to 8MB external 8-bit flash is mapped.
When BOOT_FROM = 2’b10,
4KB internal boot RAM is mapped for boot from
NAND application.
When BOOT_FROM = 2’b11,
8KB internal boot ROM is mapped for iNIC
application.
Note :
When boot from NAND option is enabled (set boot strapping signal: BOOT_FRO M = 2’b10), the accessing to the
external flash will be remapped to the i nternal 4KB boot SRAM located in USB OTG (0x101E_0000 – 0x101E_3FFF).
Accesses to original flash memory region outside of the 4KB boot SRAM are invalid in this boot from NAND mode.
The 4KB SRAM is also accessible from 0x101E_0000 – 0x101E_3FFF memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com