Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 64Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 65Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 66Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 67Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 68Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 69Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 70Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 71Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-68-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
3.11 SPI Controller
3.11.1 Features
Supports SPI master operations
Programmable clock polarity
Programmable interface clock rate
Programmable bit ordering
Firmware-controlled SPI enable
Programmable payload (address + data) length
3.11.2 Block Diagram
Fig. 3-11-1 SPI controller Block Diagram
3.11.3 Register Description (base: 0x1000.0B00)
SPISTAT: SPI Interface Status (offset: 0x00)
Bits
Type
Name
Description
Initial value
31:2
-
-
Reserved
30’b0
0
RO
BUSY
SPI transfer in progress
0: The SPI interface is inactive.
1: An SPI transfer is in progress.
Note: This bit must be ‘0’ before initiating a transfer. Any
attempt to start a data transfer will be ignored if this bit is a ‘1’.
1’b0
SPICFG: SPI Interface Configuration (offset: 0x10)
Bits
Type
Name
Description
Initial value
31:9
-
-
Reserved
23’b0
8
R/W
MSBFIRST
Bit transfer order
0: LSB bits of data sent/received first.
1: MSB bits of data sent/received first.
Note: This bit applies to both the command and data.
1’b1
7
-
-
Reserved
1’b0
6
R/W
SPICLKPOL
SPI clock default state
0: The default state of the SPICLK is logic ‘0’.
1: The default state of the SPICLK is logic ‘1’.
Note: This bit is ignored if the SPI interface block is a slave
(SPISLAVE bit is set).
1’b0
5
R/W
RXCKEDGE
SPI clock default state
0: Data is captured on the rising edge of the SPICLK signal.
1: Data is captured on the falling edge of the SPICLK signal.
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com