Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 60Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 61Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 62Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 63Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 64Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 65Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 66Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 67Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-64-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
3.10 I2C Controller
3.10.1 Features
Two I2C Host Controllers
Programmable I2C bus clock rate
Supports the Synchronous Inter Integrated Circuits (I2C) serial protocol
Bi-directional data transfer
Programmable address width up to 8 bits
Sequential byte read or write capability
Device address and data address can be transmitted for device, page and address selection
Supports Standard mode and Fast mode
3.10.2 Block Diagram
Fig. 3-10-1 I2C controller Block Diagram
3.10.3 Register Description (base: 0x1000.0900)
CONFIG: I2C Configuration Register (offset: 0x00)
Bits
Type
Name
Description
Initial value
31:8
-
-
Reserved
24’b0
7:5
R/W
ADDRLEN [2 :0]
Address Length
The value written to this register plus one will indicate the
number of address bits to be transferred from the I2C ADDR
register. Program ‘0’ for a 1-bit address, ‘1’ for a 2-bit address,
etc.)
3’b0
4:2
R/W
DEVADLEN [2:0]
Device Address Length
The value written to this register plus one indicates the
number of device address bits to be transferred from the
DEVADDR r egister. This field should be programmed to ‘6’ for
compliance with I2C bus protocol.
3’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com