Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 59Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 60Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 61Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 62Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 63Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 64Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 65Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 66Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-63-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
11:0
R/W
PIOPOL [11:0]
Program I/O Pin Polarity
These bits are used for controlling the polarity of the data driven
on or read from the PIO pins. To invert the polarity of the data at any
PIO pin, the corresponding bit should be set to ‘1’; a value of ‘0’
will not modify the pin data.
Note: The polarity controls affect both input and output modes.
12’b0
GPIO51_40_SET:Set PIO Data Bit (offset: 0x7C)
Bits
Type
Name
Description
Initial value
23:12
-
-
Reserved
20’b0
11:0
R/C
PIOSET [11:0]
These bits are used for clearing bits in the PIODATA output
register. Writing a ‘1’ will clear the corresponding bit in the
PIODATA r egister. Writing a ‘0’ will have no effect.
12’b0
GPIO51_40_RESET:Clear PIO Data bit (offset: 0x80)
Bits
Type
Name
Description
Initial value
23:12
-
-
Reserved
20’b0
11:0
R/C
PIORESET [11:0]
These bits are used for setting bits in the PIODATA output
register. Writing a ‘1’ will set the corresponding bit in the
PIODATA register. Writing a ‘0’ will have no effect.
12’b0
GPIO51_40_TOG:Toggle PIO Data bit (offset: 0x84)
Bits
Type
Name
Description
Initial value
23:12
-
-
Reserved
20’b0
11:0
R/C
PIOTOG [11:0]
These bits are used for toggling bits in the PIODATA output
register. Writing a ‘1’ will invert the corresponding bit in the
PIODATA r egister. Writing a ‘0’ will have no effect.
12’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com