Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 73Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 74Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 75Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 76Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 77Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 78Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 79Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 80Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-77-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
PCM_CFG: PCM_CFG Register (offset: 0x04)
Bits
Type
Name
Description
Initial value
31
RW
EXT_CLK_EN
PCM_CLK is generated by ex ternal source.
1: PCM_CLK is provided by external
0: PCM_CLK is generated by internal clock divider
0
30
RW
CLKOUT_EN
Enable the PCM_CLK_O UT
1: PCM_CLK_OUT should be free run
0: PCM_CLK_OUT should be pull -low forever.
(NOTE: Nor mally, the register should be asserted to ‘1’. And it
should be asserted after divider cfg & divider clock enable)
0
29:28 -
-
Reserved
27
RW
EXT_FSYNC
FSYNC is provided by external.
1: FSYNC is provided by external
0: FSYNC is generated by internal circuit.
0
26
RW
LONG_FSYNC
FSYNC mode:
1: long FSYNC
0: short FSYNC
0
25
RW
FSYNC_POL
Polarity of FSYNC
1: FSYNC is high active
0: FSYNC is low active
1
24
RW
DRX_TRI
Tristate the DRX as fall edge as LSB bit.
1: Tristate the DRX
0: non- Tristate the DRX
1
23:3
-
-
Reserved
0
2:0
RW
SLOT_MODE
How many slot each PCM frame
0: 4 slots, PCM clock out/in should be 256KHz.
1: 8 slots, PCM clock out/in should be 512KHz.
2:16 slots, PCM clock out/in should be 1.024MHz.
3:32 slots, PCM clock out/in should be 2.048MHz.
4:64 slots, PCM clock out/in should be 4.096MHz.
5:128 slots, PCM clock out/in should be 8.192MHz.
other: r eserved.
Note: When using the external cl ock, the frequency clock should
be equal to PCM_clock out. Otherwise, the PCM_CLKin should
be 8.192 MHz.
0
INT_STATUS: INT_STATUS Register (offset: 0x08)
Bits
Type
Name
Description
Initial value
31:16 RO
-
Reserved
0
15
RW
CH1T_DMA_
FAULT
Found any fault of the CH1-TX’s DMA signals. (Write ‘1’ to clear) 0
14
RW
CH1T_O VRUN
The FIFO of CH1-TX overrun(Write ‘1’ to clear)
13
RW
CH1T_UNRUN
The FIFO of CH1-TX underrun(Write ‘1’ to clear)
0
12
RW
CH1T_THRES
The FIFO of CH1-TX lower than the defined thr eshol d. (Write ‘1’
to clear)
0
11
RW
CH1R_DMA_
FAULT
Found any fault of the CH1-RX’s DMA signals. (Write ‘1’ to clear) 0
10
RW
CH1R_OVRUN
The FIFO of CH1-RX overrun(Write ‘1’ to clear)
9
RW
CH1R_UNRUN
The FIFO of CH1-RX underrun(Write ‘1’ to clear)
0
8
RW
CH1R_THRES
The FIFO of CH1-RX lower than the defined threshold. (Write ‘1’
to clear)
0
7
RW
CH0T_DMA_
FAULT
Found any fault of the CH0-TX’s DMA signals. (Write ‘1’ to clear) 0
6
RW
CH0T_O VRUN
The FIFO of CH0-TX overrun(Write ‘1’ to clear)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com