Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 80Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 81Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 82Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 83Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 84Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 85Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 86Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 87Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-84-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
28
R/W
TWR
Write Recovery time number of system clock cycles – 1.
1’b1
27:24
R/W
TMRD
LOAD MODE to any other command delay number of system clock
cycles – 1.
4’b0001
23:20
R/W
TRFC
AUTO REFRESH period number of system clock cycles – 1.
4’b1001
19:18
-
-
Reserved
2’b00
17:16
R/W
TCAS
READ command to data valid delay (CAS latency) in number of
system clock cycles – 1.
2’b10
15:12
R/W
TRAS
ACTIVE to PRECHARGE command delay in number of system clock
cycles – 1.
4’b0101
11:10
-
-
Reserved
2’b00
9:8
R/W
TRCD
ACTIVE to READ or WRITE delay in number of system clock cycles –
1.
2’b10
7:4
R/W
TRC
ACTIVE to ACTIVE command period in number of system clock
cycles -1
4’b1000
3:2
-
-
Reserved
2’b00
1:0
R/W
TRP
PRECHARGE command period in number of system clock cycles –1. 2’b10
SDRAM_CFG1: SDRAM Configuration 1 (offset: 0x04)
Bits
Type
Name
Description
Initial value
31
R/W
SDRAM_INIT_S
TART
Write 1 to perform SDRAM initialization sequence.
Can not set it to zero after initialization.
1’b0
30
RO
SDRAM_INIT_
DONE
0: SDRAM has not been initialized
1: SDRMA has been initialized
1’b0
29
R/W
RBC_MAPPING
1 : {ROW ADDR, BANK ADDR, COL ADDR}
address mapping scheme
0 : {BANK ADDR, ROW ADDR, COL ADDR}
address mapping scheme
1’b0
29:25
-
-
Reserved
5’b0
24
R/W
SDRAM_WIDT
H
Number of SDRAM data bus bits :
0 : 16 bits
1 : 32 bits (default)
1’b1
23:22
-
-
Reserved
2’b0
21:20
R/W
NUMCOLS
Number of Column address bits :
0 : 8 Column address bits
1 : 9 Column address bits (default)
2 : 10 Column address bits
3: 11 Column address bits
2’b01
19:18
-
-
Reserved
2’b00
17:16
R/W
NUMROWS
Number of Row address bits :
0 : 11 Row address bits
1 : 12 Row address bits (default)
2 : 13 Row address bits
3: 14 Row address bits (not allocable if boot from NAND flash is
enabled)
2’b10
15:0
R/W
TREFR
AUTO REFRESH period in number of SDRAM clock cycles – 1.
16’h0600
*PS: SDRAM Self Refresh Mode and Power Down will be supported later.
FLASH_CFG0 : Flash Bank 0 Configuration (offset: 0x08)
Bits
Type
Name
Description
Initial value
31:28
-
-
Reserved
4’b0
27:26
RO
FLASH_WIDTH
0
Number of Flash Chip Select0 data bus bits :
0 : 8 bits
1 : 16 bits (default)
2 : reserved
2’b01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com