Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 34Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 35Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 36Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 37Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 38Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 39Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 40Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 41Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-38-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
3.5 Timer
3.5.1
Features
Independent clock pre-scale for each timer
Independent interrupts for each timer
Two General-purpose timers
Periodic mode
Free-running mode
Time-out mode
Second timer may be used as watchdog timer
Watchdog timer resets system on time-out
3.5.2
Block Diagram
Fig. 3-5-1 Timer Block Diagram
3.5.3
Register Description (base: 0x1000.0100)
TMRSTAT: Timer Status Register (offset: 0x00)
Bits
Type
Name
Description
Initial value
31:6
-
-
Reserved
26’b0
5
W
TMR1RST
Timer 1 Reset
Writing a ‘1’ to this bit will reset the Timer 1 to 0xFFFF if in
free-running mode, or the value specified in the TMR1 LOAD
register in all other modes.
Writing a ‘0’ to this bit has no effect. Reading this bit will
return a ‘0’.
1’b0
4
W
TMR0RST
Timer 0 Reset
Writing a ‘1’ to this bit will reset Timer 0 to 0xFFFF if in
free-running mode, or the value specified in the
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com