Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 42Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 43Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 44Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 45Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 46Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 47Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 48Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 49Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-46-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
3.7 UART
3.7.1
Features
16550-compatible register set, except for Divisor Latch register
5-8 data bits
1-2 stop bits (1 or 2 stop bits are supported with 5 data bits)
Even, odd, stick or no parity
All standard baud rates from 40 b/s to 2.5 Mb/s
16-byte receive buffer
16-byte transmit buffer
Receive buffer threshold interrupt
Transmit buffer threshold interrupt
False start bit detection in asynchronous mode
Internal diagnostic capabilities
Break simulation
3.7.2
Loop-back control for communications link fault isolation
Block Diagram
Fig. 3-7-1 UART Block Diagram
3.7.3
Register Description (base: 0x1000.0500)
RBR: Receive Buffer Register (offs et: 0x00)
Bits
Type
Name
Description
Initial value
31:8
-
-
Reserved
24’b0
7
RO
RXD[7:0]
Receive Buffer Data
Receive data. Data is transferred to this register from the rec eive
shift register after a full character is received. The O E bit in the
LSR register is set, indication a receive buffer overrun, if the
contents of this register has not been read before another
character is received.
1’b0
TBR: Transmit Buffer Register (offset: 0x04)
Bits
Type
Name
Description
Initial value
31:8
-
-
Reserved
24’b0
7
RO
TXD[7:0]
Transmit Buffer Data
Transmit data. When a character is written to this register, it is
stored in the transmitter holding register; if the transmitter
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com