Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 45Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 46Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 47Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 48Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 49Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 50Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 51Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 52Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-49-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
5
R/W
FORCEPAR
Force Parity Bit
0: Normal functionality.
1: If even parity is selected, the (transmitted and checked)
parity is forced to '0'; if odd parity is selected, the (transmitted
and checked) parity if forced to '1'.
1’b0
4
R/W
EPS
Even Parity Select
0: Odd parity selected (checksum, including parity is '1').
1: Even parity selected (checksum, including parity is '0').
Note: This bit is ignored if the PEN bit is '0'.
1’b0
3
R/W
PEN
Parity Enable
0: Parity is not transmitted or checked.
1: Parity is generated (transmit), and checked (receive).
1’b0
2
R/W
STB
Stop Bit Select
0: 1 stop bit is transmitted and received.
1: 1.5 stop bits are transmitted and received if WLS is '0'; 2 stop
bits are transmitted and received if WLS is '1', '2', or '3'.
1’b0
1:0:
R/W
WLS[1:0]
Word Length Select
0: Each character is 5 bits in length
1: Each character is 6 bits in length
2: Each character is 7 bits in length
3: Each character is 8 bits in length
2’b0
MCR: Modem Control Register (offset: 0x18)
Bits
Type
Name
Description
Initial value
31:5
-
-
Reserved
24’b0
4
R/W
LOOP
Loop-back Mode Enable
0: Normal Operation.
1: The UART is put into loop-back mode, used for self-test: The
TXD pin is driven high; the TXD signal connections are made
internally
Signal
Wrapped back through…
TXD
RXD
DTRN
DSRN
RTSN
CTSN
OUT1N
RIN
OUT2N
DCDN
1’b0
3
R/W
OUT2
Out2 Value
0: OUT2 N pin is driven to a high level.
1: OUT2 N pin is driven to a low level.
Note: This bit is only functional in loop-back mode.
0
2
R/W
OUT1
Out1 Value
0: OUT1 N pin is driven to a high level.
1: OUT1 N pin is driven to a low level.
Note: This bit is only functional in loop-back mode.
0
1
R/W
RTS
Out1 Value
0: RTSN pin is driven to a high level.
1: RTSN pin is driven to a low level.
1’b0
0
R/W
DTR
Reserved
0: DTRN pin is driven to a high level.
1: DTRN pin is driven to a low level.
1’b0
LSR: Line Status Register (offset: 0x1C)
Bits
Type
Name
Description
Initial value
31:8
-
-
Reserved
24’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com