Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 35Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 36Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 37Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 38Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 39Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 40Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 41Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 42Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-39-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
TMR0 LOAD r egister in all other modes.
Writing a ‘0’ to this bit has no effect. Reading this bit will
return a ‘0’.
3:2
-
-
Reserved
2’b0
1
R/C
TMR1INT
Timer 1 Interrupt Status
This bit is set if Timer 1 has expired. The Timer 1 interrupt
to the processor is set when this bit is ‘1’. Writing a ‘1’ to
this bit will clear the interrupt. Writing a ‘0’ has no effect.
1’b0
0
R/C
TMR0INT
Timer 0 Interrupt Status
This bit is set if Timer 0 has expired. The Timer 0 interrupt
to the processor is set when this bit is ‘1’. Writing a ‘1’ to
this bit will clear the interrupt. Writing a ‘0’ has no effect.
1’b0
TMR0 LOAD: Timer 0 Load Value (offset: 0x10)
Bits
Type
Name
Description
Initial value
31:16
R-
-
Reserved
16’b0
15:0
R/W
TMRLOAD[15:0]
Timer Load Value
This register contains the load value for the timer. In all
modes, this value is loaded into the timer counter when
this register is written. In all modes except free-running
mode, this value is reloaded into the timer counter after
the timer counter reaches 0. It may be updated at any time;
the new value will be written to the counter immediately.
Writing a load value of 0 will disable the timer, except in
free-running mode.
16’b0
TMR0VAL: Timer 0 Counter Value (offset: 0x14)
Bits
Type
Name
Description
Initial value
31:16
-
-
Reserved
16’b0
15:0
RO
TMRVAL[15:0]
Timer Counter Value
This register contains the current value of the timer. During
functional operation, writes have no effect.
16’hffff
TMR0CTL: Timer 0 Control (offset: 0x18)
Bits
Type
Name
Description
Initial value
31:16
-
-
Reserved
16’b0
15
R/W
TESTEN
Reserved for Test
This bit should be written with a zero
1’b0
14:8
-
-
Reserved
15’b0
7
R/W
ENABLE
Timer Enable
0: Disable the timer. The timer will stop counting and will
retain its current value.
1: Enable the timer. The timer will begin counting from its
current value.
1’b0
6
-
-
Reserved
1’b0
5:4
R/W
MODE[1:0]
Timer Mode
0: Free-running
1: Periodic
2: Time-out
3: Time-out
1’b0
3:0
R/W
PRESCALE[3:0]
Timer Clock Pre-scale
These bits are used to scale the timer clock in order to
achieve higher resolution or longer timer periods. Their
definitions are below.
4’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com