Electronic Components Datasheet Search
  English  ▼

X  

RT3050 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # RT3050
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3050 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button RT3050 Datasheet HTML 30Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 31Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 32Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 33Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 34Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 35Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 36Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 37Page - List of Unclassifed Manufacturers RT3050 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-34-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
Note: Ther e is no special H/W function related to the
setting of this bit. That means the firmware could use it for
other purposes (as a general purpose bootstrapping).
28
RO
INIC_8MB_SDRAM
0: SDRAM configuration is 2MB for iNIC
1: SDRAM configuration is 8MB for iNIC
Note : There is no special H/W function related to the
setting of this bit. That means the firmware could use it for
other purposes (as a general purpose bootstrapping).
Bootstrap
27:26
-
-
Reserved
2’b0
25:24
RO
GE0_MODE
Gigabit Port Mode
2’b00 : RGMII Mode (10/100/1000M bps)
2’b01 : MII Mode (10/100 Mbps)
2’b10 : Reversed MII Mode (10/100 Mbps)
2’b11 : Reserved
2’b00
23
-
-
Reserved
1’b0
22
RO
BOOT_ADDR
0 : CPU boots at address 0x1FC00000
1 : CPU boots at address 0x1F000000
1’b0
21
RO-
BYPASS_PLL
0: Not bypass PLL
1: Bypass PLL
Bootstrap
20
RO
BIG_ENDIAN
0: Little endian
1: Big endian
Bootstrap
19
-
-
Reserved
1’b0
18
RO
CPU_CLK_SEL
0: 320Mhz
1: 384 Mhz
Note : System clock is 1/3 of the CPU CLK
Bootstrap
17:16
RO
BOOT_FRO M
2’b00 : boot from external 16-bit flash (default)
2’b01 : boot from external 8-bit flash
2’b10 : boot from external NAND flash
2’b11 : boot from internal ROM
Bootstrap
15:8
R/W
TEST_CODE[7:0]
Probe signals selection
Default value is from bootstrap and can by modify by
software
Bootstrap
7:4
-
-
Reserved
7’b0
3:2
WO
SRAM_CS_MODE
2’b00: Normal SRAM chip select output (active low)
2’b01: Watch dog reset output (active low for 3 system
clocks)
2’b10: BT coexistence signal “WLAN_ACT” output
2’b11: Reserved.
Note : These two bits are write only. The read value is
always 2’b00.
2’b00
1
-
-
Reserved
1’b0
0
WO
SDRAM_CLK_DRV
1’b0 : 8mA SDRAM_CLK driving
1’b1 : 12mA SDRAM_CLK driving
Note : This bit is write only. The read value is always 1’b0.
1’b0
Reserved register (offset: 0x14)
Bits
Type
Name
Description
Initial value
31:0
-
-
Reserved
32’b0
TESTSTAT: Firmware Test Status Register (offset: 0x18)
Bits
Type
Name
Description
Initial value
31:0
R/W
TSETSTAT[31:0]
Firmware Test Status
Note: This register is reset only by power on reset.
32’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com