Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 11Page - NXP Semiconductors NTP53X2 Datasheet HTML 12Page - NXP Semiconductors NTP53X2 Datasheet HTML 13Page - NXP Semiconductors NTP53X2 Datasheet HTML 14Page - NXP Semiconductors NTP53X2 Datasheet HTML 15Page - NXP Semiconductors NTP53X2 Datasheet HTML 16Page - NXP Semiconductors NTP53X2 Datasheet HTML 17Page - NXP Semiconductors NTP53X2 Datasheet HTML 18Page - NXP Semiconductors NTP53X2 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
15 / 133
Remark: The counter can only be incremented with the C0 and C1 values defined in
Table 10. Other values than that preset the counter if a SET PASSWORD command with
the write password or a valid mutual authentication with a key with the Write privilege has
been executed before or leads to an error message.
Table 10. Increment counter data structure
Byte
Name
Value
Description
0
C0
01h (LSB)
1
C1
00h (MSB)
Value to increment the counter
2
-
00h
RFU
3
-
00h
RFU
8.1.3 Configuration memory
The configuration memory contains the security and configuration information. Access
to this memory area is only possible with WRITE CONFIG (see Section 8.2.3.2.2) and
READ CONFIG (see Section 8.2.3.2.1) commands depending on the initialization status.
Writing to blocks with only RFU bytes is not possible and results in error code 0Fh from
NFC perspective and NAK from I2C perspective. Reading complete RFU blocks results in
receiving all bytes 00h.
Changing RFU bytes and bits is not allowed and may result in unintended behavior.
From I2C perspective, the configuration can be accessed using READ MEMORY and
WRITE MEMORY command. Block address of configuration area from I2C perspective
starts from 1000h.
In Table 11 all NFC_KHs, NFC_KPs and AES_KEYs (all marked with an asterisk) are
only available in AES mode. NFC_KHs and NFC_KPs are not available at all and set to
RFU in plain password mode. In the area of KEY_0 and KEY_1, the plain passwords are
stored (see Section 8.1.3.9). The rest of the KEY area is RFU in plain password mode.
NOTE: AES mode is only available for NTP5332.
Different features can be configured with CONFIG bits. Similar to all other configuration
options, the effect does not take place in the current session. The effect takes place after
POR. If immediate change is expected, related session register bytes or bits need to be
used (see Section 8.1.4).
To which section each block belongs is defined in first column (Sec.). Sections might be
locked by setting related bit to 1b (see Section 8.1.3.32).
Table 11. Configuration Memory organization
Block Address
Sec.
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
Description
0
00h
1000h
0
...
...
0
07h
1007h
ORIGINALITY_SIGNATURE
32 byte Originality
Signature
(see Section 8.1.3.1)
0
08h
1008h
CH
RFU
Configuration Header
(see Section 8.1.3.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com