Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 22Page - NXP Semiconductors NTP53X2 Datasheet HTML 23Page - NXP Semiconductors NTP53X2 Datasheet HTML 24Page - NXP Semiconductors NTP53X2 Datasheet HTML 25Page - NXP Semiconductors NTP53X2 Datasheet HTML 26Page - NXP Semiconductors NTP53X2 Datasheet HTML 27Page - NXP Semiconductors NTP53X2 Datasheet HTML 28Page - NXP Semiconductors NTP53X2 Datasheet HTML 29Page - NXP Semiconductors NTP53X2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
26 / 133
Table 24. NFC Key Privileges (KPx) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
11h
1011h
NFC_KP0
RFU
13h
1013h
NFC_KP1
RFU
15h
1015h
NFC_KP2
RFU
17h
1017h
NFC_KP3
RFU
Table 25 shows the definition of the Key Privileges bytes KPx. The bits define the
privileges for the related key used with mutual authentication. If the related bit is set to
1b, the access for the dependent area/feature is granted after mutual authentication with
the related key.
Table 25. Definition of NFC Key Privileges bytes KPx
Bit Privilege
Description
7
Restricted AREA_1 Write
Write access to restricted user memory AREA_1
6
Restricted AREA_1 Read
Read access to restricted user memory AREA_1
5
Crypto Config
Preset of Authentication Limit
4
EAS/AFI
Access for write alike command for EAS and AFI as
following:
PROTECT EAS/AFI
SET EAS
RESET EAS
LOCK EAS
WRITE EAS ID
WRITE AFI
LOCK AFI
3
Destroy
Access to the DESTROY functionality
2
Privacy
Enable/disable of the PRIVACY mode
1
Write
Write access to protected user memory area
0
Read
Read access to protected user memory area
8.1.3.9 Keys and passwords
The keys or passwords are stored in the configuration memory. The usage of the
individual keys depends on the related Key Privileges.
The state of the keys (including read and write access with the READ CONFIG and
WRITE CONFIG commands) depends on the status of the related Key Header and the
status of the Global Crypto Header.
From I2C perspective, these blocks can be written if not locked by the I2C section lock.
Table below shows the location of the 128-bit AES Table 26 keys in the configuration
memory.
NOTE: AES keys are only available for NTP5332 in AES mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com