Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 70Page - NXP Semiconductors NTP53X2 Datasheet HTML 71Page - NXP Semiconductors NTP53X2 Datasheet HTML 72Page - NXP Semiconductors NTP53X2 Datasheet HTML 73Page - NXP Semiconductors NTP53X2 Datasheet HTML 74Page - NXP Semiconductors NTP53X2 Datasheet HTML 75Page - NXP Semiconductors NTP53X2 Datasheet HTML 76Page - NXP Semiconductors NTP53X2 Datasheet HTML 77Page - NXP Semiconductors NTP53X2 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
74 / 133
Table 145. LOCK PAGE PROTECTION CONDITION response format when Error_flag is NOT
set
Flags
CRC16
8 bits
16 bits
Table 146. LOCK PAGE PROTECTION CONDITION response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
Remark: If the transmitted protection pointer address does not match with the stored
address the IC will respond according to the error handling.
8.2.3.3.8 DESTROY
Command code = B9h
In plain password mode the DESTROY command disables NTAG 5 link if the destroy
password is correct. This command is irreversible and NTAG 5 link will never respond to
any command neither NFC nor I2C again.
The DESTROY command can only be executed in addressed or SELECTED mode.
The XOR password has to be calculated with the password and two times the received
random number from the last GET RANDOM NUMBER command:
XOR_Password[31:0] = Password[31:0] XOR {Random_Number[15:0],
Random_Number[15:0]}.
The timing of the command is write alike.
Option_flag = 0b and Option_flag = 1b is supported and is in accordance with ISO/IEC
15693 write-alike commands.
NOTE: In AES mode, Mutual Authentication with Purpose_MAM2 = 1011b needs to be
executed to destroy NTAG 5 link.
Table 147. DESTROY request format
Flags
DESTROY
Manuf. code
UID
XOR password
CRC16
8 bits
8 bits
8 bits
64 bits (optional)
16 bits
16 bits
Table 148. DESTROY response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 149. DESTROY response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com