Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 69Page - NXP Semiconductors NTP53X2 Datasheet HTML 70Page - NXP Semiconductors NTP53X2 Datasheet HTML 71Page - NXP Semiconductors NTP53X2 Datasheet HTML 72Page - NXP Semiconductors NTP53X2 Datasheet HTML 73Page - NXP Semiconductors NTP53X2 Datasheet HTML 74Page - NXP Semiconductors NTP53X2 Datasheet HTML 75Page - NXP Semiconductors NTP53X2 Datasheet HTML 76Page - NXP Semiconductors NTP53X2 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
73 / 133
Table 141. Protection status bits definition in AES mode
WH/WL
RH/RL
Protection
0b
0b
Public
0b
1b
Read and Write protected: Mutual authentication with a key with
read privilege is required
1b
0b
Write protected: Mutual authentication with a key with write
privilege is required
1b
1b
Read and Write protected: Mutual authentication with a key with
read and write privileges is required
Table 142. PROTECT PAGE response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 143. PROTECT PAGE response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
The information about the stored settings of the protection pointer address and access
conditions can be read with the GET NXP SYSTEM INFORMATION command (see
Section 8.2.3.9.14).
8.2.3.3.7 LOCK PAGE PROTECTION CONDITION
Command code = B7h
The LOCK PAGE PROTECTION CONDITON command locks the protection pointer
address and the status of the page protection conditions.
The LOCK PAGE PROTECTION CONDITON command can be successfully executed
under the following circumstances:
• The Global Crypto Header is set to "Deactivated".
• If the Global Crypto Header is not set to "Deactivated" and a valid mutual
authentication with a key with read and write privileges has been executed before.
The timing of the command is write alike.
Option_flag = 0b and Option_flag = 1b is supported and is in accordance with ISO/IEC
15693 write-alike commands.
Table 144. LOCK PAGE PROTECTION CONDITION request format
Flags
LOCK PAGE
PROTECTION
CONDITION
Manuf. code
UID
Protection
pointer address
CRC16
8 bits
8 bits
8 bits
64 bits (optional)
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com