Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 34Page - NXP Semiconductors NTP53X2 Datasheet HTML 35Page - NXP Semiconductors NTP53X2 Datasheet HTML 36Page - NXP Semiconductors NTP53X2 Datasheet HTML 37Page - NXP Semiconductors NTP53X2 Datasheet HTML 38Page - NXP Semiconductors NTP53X2 Datasheet HTML 39Page - NXP Semiconductors NTP53X2 Datasheet HTML 40Page - NXP Semiconductors NTP53X2 Datasheet HTML 41Page - NXP Semiconductors NTP53X2 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
38 / 133
Bit
Name
Value
ED pin
state
Description
ON
Pulse width modulation signal during OFF period
PWM
0010b
OFF
Pulse width modulation signal during On period
ON
Last byte of SRAM data has been read via NFC; host
can access SRAM again
I2C to NFC pass-through
0011b
OFF
• Last byte written by I2C, or
• NFC off, or
• VCC is off
ON
Last byte written by NFC; host can read data from
SRAM
NFC to I2C pass-through
0100b
OFF
• Last byte has been read from I2C, or
• NFC off, or
• VCC off
ON
Arbiter locked access to NFC interface
Arbiter lock
0101b
OFF
Lock to NFC interface released
ON
Length byte(block 1, byte 1) is not ZERO
NDEF Message TLV
Length
0110b
OFF
Length byte (block 1, byte1) is ZERO
ON
IC is NOT in standby mode
Stand-by mode
0111b
OFF
IC is in standby mode
ON
Start of programming cycle during WRITE command
WRITE command
indication
1000b
OFF
Start of response to WRITE command or NFC off
ON
Start of read cycle during READ command
READ command
indication
1001b
OFF
• End of read access, or
• NFC off
ON
Start of (any) command
Start of command
indication
1010b
OFF
• End of response to command, or
• NFC off
ON
Data read from SYNCH_BLOCK
READ from SYNCH_
BLOCK
1011b
OFF
Event needs to be cleared by setting b0 of ED_
RESET_REG to 1b or NFC off
ON
Data written to SYNCH_BLOCK
WRITE to SYNCH_
BLOCK
1100b
OFF
Event needs to be cleared by setting b0 of ED_
RESET_REG to 1b or NFC off
ON
1101b written to ED_CONFIG
Software Interrupt
1101b
OFF
Event needs to be cleared by setting b0 of ED_
RESET_REG to 1b
RFU
1110b
N/A
RFU
1111b
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com