Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 47Page - NXP Semiconductors NTP53X2 Datasheet HTML 48Page - NXP Semiconductors NTP53X2 Datasheet HTML 49Page - NXP Semiconductors NTP53X2 Datasheet HTML 50Page - NXP Semiconductors NTP53X2 Datasheet HTML 51Page - NXP Semiconductors NTP53X2 Datasheet HTML 52Page - NXP Semiconductors NTP53X2 Datasheet HTML 53Page - NXP Semiconductors NTP53X2 Datasheet HTML 54Page - NXP Semiconductors NTP53X2 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
51 / 133
Access
Bit
Name
NFC
I2C
Value
Description
1b
GPIO_0 input is HIGH
0b
2
RFU
R
R
1b
0b
I2C Interface not locked by arbiter
1
I2C_IF_LOCKED
R
R/W
1b
Arbiter locked to I2C
0b
NFC interface not locked by arbiter
0
NFC_IF_LOCKED
R
R
1b
Arbiter locked to NFC
8.1.4.2 Configuration register
On POR all CONFIG bits (see Section 8.1.3.13) are copied to CONFIG_REG. Some
of these features may be changed with CONFIG_REG bits during a session. These
features are valid at once. Most of them are just read only from NFC and/or I2C
perspective.
Table 89. Configuration Register Location (CONFIG_REG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
A1h
10A1h CONFIG_0_REG CONFIG_1_REG CONFIG_2_REG
RFU
Table 90. Configuration Definition (CONFIG_0_REG)
Access
Bit
Name
NFC
I2C
Value
Description
0b
SRAM copy on POR disabled
7
SRAM_COPY_EN
R
R
1b
SRAM copy on POR enabled
6
RFU
R
R
0b
0b
NFC interface enabled
5
DISABLE_NFC
R
R/W
1b
NFC interface disabled, no response to
NFC commands
4
RFU
R
R
0b
3
RFU
R
R
0b
2
RFU
R
R
0b
1
RFU
R
R
0b
0b
Normal Operation Mode
0
AUTO_STANDBY_MODE_EN
R
R/W
1b
IC enters standby mode after boot if there
is no RF field present automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com