Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 13Page - NXP Semiconductors NTP53X2 Datasheet HTML 14Page - NXP Semiconductors NTP53X2 Datasheet HTML 15Page - NXP Semiconductors NTP53X2 Datasheet HTML 16Page - NXP Semiconductors NTP53X2 Datasheet HTML 17Page - NXP Semiconductors NTP53X2 Datasheet HTML 18Page - NXP Semiconductors NTP53X2 Datasheet HTML 19Page - NXP Semiconductors NTP53X2 Datasheet HTML 20Page - NXP Semiconductors NTP53X2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
17 / 133
Block Address
Sec.
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
Description
0
24h
1024h
0
25h
1025h
0
26h
1026h
0
27h
1027h
KEY_1*
AES key 1 or
NFC_PWD_4 to
NFC_PWD_6 (see
Section 8.1.3.9)
0
28h
1028h
0
29h
1029h
0
2Ah
102Ah
0
2Bh
102Bh
KEY_2*
AES key 2 or RFU
(see Section 8.1.3.9)
0
2Ch
102Ch
0
2Dh
102Dh
0
2Eh
102Eh
0
2Fh
102Fh
KEY_3*
AES key 3 or RFU
(see Section 8.1.3.9)
1
30h
1030h
I2C_KH
RFU
I2C Key Header (see
Section 8.1.3.10)
1
31h
1031h
I2C_PP
I2C_PPC
RFU
I2C Protection Pointer
and Config (see
Section 8.1.3.11)
1
32h
1032h
I2C_AUTH_LIMIT
RFU
Authentication
Limit Counter (see
Section 8.1.3.12)
1
33h
1033h
I2C_PWD_0
I2C read password
(see Section 8.1.3.9)
1
34h
1034h
I2C_PWD_1
I2C write password
(see Section 8.1.3.9)
1
35h
1035h
I2C_PWD_2
Restricted AREA_1
I2C read password
(see Section 8.1.3.9)
1
36h
1036h
I2C_PWD_3
Restricted AREA_1
I2C write password
(see Section 8.1.3.9)
2
37h
1037h
CONFIG
Feature Configuration
(see Section 8.1.3.13)
3
38h
1038h
SYNC_DATA_BLOCK
RFU
Block may be used
for data transfer
synchronization (see
Section 8.1.3.14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com