Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 50Page - NXP Semiconductors NTP53X2 Datasheet HTML 51Page - NXP Semiconductors NTP53X2 Datasheet HTML 52Page - NXP Semiconductors NTP53X2 Datasheet HTML 53Page - NXP Semiconductors NTP53X2 Datasheet HTML 54Page - NXP Semiconductors NTP53X2 Datasheet HTML 55Page - NXP Semiconductors NTP53X2 Datasheet HTML 56Page - NXP Semiconductors NTP53X2 Datasheet HTML 57Page - NXP Semiconductors NTP53X2 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
54 / 133
Table 95. PWM and GPIO Configuration Register Definition (PWM_GPIO_CONFIG_1_REG)
Access
Bit
Name
NFC
Acc.
I2C Acc.
Value
Description
7
6
PWM1_PRESCALE
R/W
R
00b
Pre-scalar configuration for PWM1 channel
5
4
PWM0_PRESCALE
R/W
R
00b
Pre-scalar configuration for PWM0 channel
00b
6-bit resolution
3
01b
8-bit resolution
10b
10-bit resolution
2
PWM1_RESOLUTION_CONF
R/W
R
11b
12-bit resolution
00b
6-bit resolution
1
01b
8-bit resolution
10b
10-bit resolution
0
PWM0_RESOLUTION_CONF
R/W
R
11b
12-bit resolution
8.1.4.5 Pulse Width Modulation duty cycle register
The PWM duty cycle maybe changed during one session from NFC perspective (see
Section 8.1.3.16).
As long as the I2C slave use case is enabled, these settings can also be done from I2C
perspective.
8.1.4.6 Watch Dog Timer register
Watch Dog Timer register settings are read only (see Section 8.1.3.17).
8.1.4.7 Energy harvesting register
Energy harvesting registers may be used to enable energy harvesting during one
NFC session. In this case, EH_ENABLE bit of EH_CONFIG byte in block 3Dh is set
to 0b. Required EH_VOUT_I_SEL and EH_VOUT_V_SEL need to be set in that
EH_CONFIG byte. Desired energy harvesting mode (EH_MODE) needs to be configured
in CONFIG_0 byte of block 37h. In case of energy harvesting is enabled already during
boot (EH_ENABLE bit of EH_CONFIG is 1b), or energy harvesting is not used at all, this
register byte gives no information.
Setting EH_TRIGGER to 1b is needed to trigger power detection.
Polling for bit EH_LOAD_OK should be used to check, if sufficient energy is available.
Only if EH_LOAD_OK = 1b, energy harvesting may be enabled via session registers by
writing 09h to this byte.
There is only read only access from I2C perspective.
Details can be found in energy harvesting section (see Section 8.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com