Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 45Page - Renesas Technology Corp F159V Datasheet HTML 46Page - Renesas Technology Corp F159V Datasheet HTML 47Page - Renesas Technology Corp F159V Datasheet HTML 48Page - Renesas Technology Corp F159V Datasheet HTML 49Page - Renesas Technology Corp F159V Datasheet HTML 50Page - Renesas Technology Corp F159V Datasheet HTML 51Page - Renesas Technology Corp F159V Datasheet HTML 52Page - Renesas Technology Corp F159V Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
© 2020 Renesas Electronics Corporation
49
May 15, 2020
F159V Datasheet
Table 34. Register Definition–(Cont.)
Register
Hex
Address Type
Default
Value
Description
25
19h
R/W 0000_0101b Setting for LO output: 2 bits for Output Power, 2 bits for Switched Output Power, 1 bit for
additional pre-driver current (output power).
26
1Ah
R/W 0001_1100b Set the various LO switch parameters, and if the PLL and DAC are enabled.
27
1Bh
R/W 0000_0000b 5-bit word to control the DSA in Channel 0 (1dB LSB).
28
1Ch
R/W 0000_0000b 5-bit word to control the DSA in Channel 1 (1dB LSB).
29
1Dh
R/W 1111_1111b Lower 8 bits of 11-bit word to control the VVA in Channel 0.
30
1Eh
R/W 0000_0111b Higher 3 bits of 11-bit word to control the VVA in Channel 0.
31
1Fh
R/W 1111_1111b Lower 8-bits of 11-bit word to control the VVA in Channel 1.
32
20h
R/W 0000_0111b Higher 3-bits of 11-bit word to control the VVA in Channel 1.
33
21h
R/W 0000_0000b 1 bit for the RF Band, 1 bit for the LO Band.
34
22h
R/W 0000_0000b 1 bit for Digital Output Logic.
35
23h
R/W 0000_0000b 3 bits for Lock Detect Precision, 2 bits for Lock Detect.
36
24h
R/W 0000_0000b 1 bit for a force recalibration. 1 bit for Disabling the VCO recalibration,
1 bit for Automatic recalibration.
37
25h
R/W 0000_0001b 1 bit for Lock Detection.
38
26h
R/W 0000_0000b Lower 8 bits of a 12-bit word for the Band Select Divider.
39
27h
R/W 0000_0001b Higher 4 bits of a 12-bit word for the Band Select Divider.
40
28h
R/W 0000_0000b Reserved for Vendor Use. Use only the default value.
41
29h
R/W 0000_0000b Reserved for Vendor Use. Use only the default value.
42
2Ah
R/W 0000_0010b Reserved for Vendor Use. Use only the default value.
43
2Bh
R/W 1100_1011b Reserved for Vendor Use. Use only the default value.
44
2Ch
R/W 0000_0000b Reserved for Vendor Use. Use only the default value.
45
2Dh
R/W 0000_0000b Reserved for Vendor Use. Use only the default value.
46
2Eh
R
N/A
Reserved for Vendor Use. Use only the default value.
47
2Fh
R
N/A
Reserved for Vendor Use. Use only the default value.
48
30h
R
N/A
Reserved for Vendor Use. Use only the default value.
49
31h
R/W
N/A
Reserved for Vendor Use. Use only the default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com