Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 60Page - Renesas Technology Corp F159V Datasheet HTML 61Page - Renesas Technology Corp F159V Datasheet HTML 62Page - Renesas Technology Corp F159V Datasheet HTML 63Page - Renesas Technology Corp F159V Datasheet HTML 64Page - Renesas Technology Corp F159V Datasheet HTML 65Page - Renesas Technology Corp F159V Datasheet HTML 66Page - Renesas Technology Corp F159V Datasheet HTML 67Page - Renesas Technology Corp F159V Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
© 2020 Renesas Electronics Corporation
64
May 15, 2020
F159V Datasheet
24.2.31. Register 30 (1Eh)
Registers 30 and 29 control the Voltage Variable Attenuator in Channel 0, and is an 11-bit word. The minimum attenuation (0dB) is at the
maximum DAC setting (2047). The default is 2047 = 7FFh = 111_1111_1111b. Bits 3 to 7 of this register are unused. Register 30 is the higher
3 bits of the word and the default is 7 = 7h = 0000_0111b.
Table 64. Register 30: Bit Definition
Bit
Bit Field Name
Default
Definition
0
DAC0[8]
1
Bit 8 of an 11-bit word to set the VVA for Channel 0.
1
DAC0[9]
1
Bit 9 of an 11-bit word to set the VVA for Channel 0.
2
DAC0[10]
1
Bit 10 of an 11-bit word to set the VVA for Channel 0.
3
Unused
0
Unused.
4
Unused
0
Unused.
5
Unused
0
Unused.
6
Unused
0
Unused.
7
Unused
0
Unused.
24.2.32. Register 31 (1Fh)
Registers 32 and 31 control the Voltage Variable Attenuator in Channel 1, and is an 11-bit word. The minimum attenuation (0dB) is at the
maximum DAC setting (2047). The default is 2047 = 7FFh = 111_1111_1111b. . Register 31 is the lower 8 bits of the word and the default is
255 = FFh = 1111_1111b.
Table 65. Register 31: Bit Definition
Bit
Bit Field Name
Default
Definition
0
DAC1[0]
1
Bit 0 of an 11-bit word to set the VVA for Channel 1.
1
DAC1[1]
1
Bit 1 of an 11-bit word to set the VVA for Channel 1.
2
DAC1[2]
1
Bit 2 of an 11-bit word to set the VVA for Channel 1.
3
DAC1[3]
1
Bit 3 of an 11-bit word to set the VVA for Channel 1.
4
DAC1[4]
1
Bit 4 of an 11-bit word to set the VVA for Channel 1.
5
DAC1[5]
1
Bit 5 of an 11-bit word to set the VVA for Channel 1.
6
DAC1[6]
1
Bit 6 of an 11-bit word to set the VVA for Channel 1.
7
DAC1[7]
1
Bit 7 of an 11-bit word to set the VVA for Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com