Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 19Page - Renesas Technology Corp F159V Datasheet HTML 20Page - Renesas Technology Corp F159V Datasheet HTML 21Page - Renesas Technology Corp F159V Datasheet HTML 22Page - Renesas Technology Corp F159V Datasheet HTML 23Page - Renesas Technology Corp F159V Datasheet HTML 24Page - Renesas Technology Corp F159V Datasheet HTML 25Page - Renesas Technology Corp F159V Datasheet HTML 26Page - Renesas Technology Corp F159V Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
© 2020 Renesas Electronics Corporation
23
May 15, 2020
F159V Datasheet
9. Typical Performance Characteristics - VVA
Figure 9. Gain versus VVA DAC Setting
(+3.3V, 2GHz)
Figure 10. Relative Phase versus VVA DAC
Setting (+3.3V, +25°C)
Figure 11. OIP3 versus VVA DAC Setting
(+3.3V, 2GHz)
Figure 12. VVA Maximum to Minimum Switching
(+3.3V, +25°C, 2GHz)
Figure 13. VVA Minimum to Maximum Switching
(+3.3V, +25°C, 2GHz)
-20
-15
-10
-5
0
5
10
15
20
0
200 400 600 800 1000 1200 1400 1600 1800 2000 2200
DAC Setting
-20 C / CH 0
-20 C / CH 1
+25 C / CH 0
+25 C / CH 1
+115 C / CH 0
+115 C / CH 1
-10
-5
0
5
10
15
20
25
30
0
200 400 600 800 1000 1200 1400 1600 1800 2000 2200
DAC Setting
0.45 GHz
0.84 GHz
1.95 GHz
2.00 GHz
2.81 GHz
0
5
10
15
20
25
30
35
0
200 400 600 800 1000 1200 1400 1600 1800 2000 2200
DAC Setting
-20 C / CH 0
-20 C / CH 1
+25 C / CH 0
+25 C / CH 1
+115 C / CH 0
+115 C / CH 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com