Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 68Page - Renesas Technology Corp F159V Datasheet HTML 69Page - Renesas Technology Corp F159V Datasheet HTML 70Page - Renesas Technology Corp F159V Datasheet HTML 71Page - Renesas Technology Corp F159V Datasheet HTML 72Page - Renesas Technology Corp F159V Datasheet HTML 73Page - Renesas Technology Corp F159V Datasheet HTML 74Page - Renesas Technology Corp F159V Datasheet HTML 75Page - Renesas Technology Corp F159V Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
© 2020 Renesas Electronics Corporation
72
May 15, 2020
F159V Datasheet
Figure 100.
DC Electrical Schematic for the Differential Evaluation Board
VREF_VCO
C97
50mA
C103
VDD_AMP_CH1
C106
L10
BEAD FERRITE/SM
VDD_MODAMP_CH1
VREG_5V
L13
BEAD FERRITE/SM
VDD_SPI
VDD_REF
C118
VDD_VVA_CH0
C75
GND5
VCC_5V
100mA
C109
U2
VDD
1
GND
2
EN
3
REF
4
VR1
12
VR2
11
VR3
10
VR4
9
50mA
C140
VDD_VVA_CH0
C99
C74
C85
GND1
C105
VDD_LO
L5
BEAD FERRITE/SM
GND4
C114
C87
C141
C100
R99
C80
VDD_CP
C123
C84
C91
C70
VDD_REF
VDD_VVA_CH1
R137
L17
BEAD FERRITE/SM
C120
VDD_VVA_CH1
R93
C79
50mA
VREG_5V
L3
BEAD FERRITE/SM
VDD_VCO
C111
VDD_MODLO_CH0
C90
GND
R103
J32
HEADER 3
L7
BEAD FERRITE/SM
C116
C102
C142
GND
C82
C125
L9
BEAD FERRITE/SM
C73
R106
C119
50mA
J49
HEADER 1x2
1
2
C110
GND
C145
VDD_MODLO_CH1
100mA
VDD_SPI
GND3
R89
VDD_3_3V_EXT
L11
BEAD FERRITE/SM
C115
C95
C88
C101
VDD_MODLO_CH0
J30
HEADER 3
VREG_5V
C81
C124
C72
R87
C139
VDD_DAC
VDD_3_3V
VDD_3_3V_EXT
VDD_DAC
VDD_3_3V_EXT
C98
C143
C83
300mA
GND2
C147
VDD_MODLO_CH1
300mA
C71
VDD_3_3V_EXT
C144
J26
HEADER 3
VDD_AMP_CH0
L1
BEAD FERRITE/SM
R136
VDD_MODAMP_CH0
C93
300mA
R91
J45
GND
VDD_3_3V_EXT
R101
300mA
VDD_AMP_CH1
C104
L2
BEAD FERRITE/SM
C146
VDD_MODAMP_CH1
VDD_VCO
100mA
300mA
C89
GND
C92
L6
BEAD FERRITE/SM
J28
1
2
3
4
5
VDD_CP
VDD_LO
VDD_AMP_CH0
50mA
VDD_3_3V_EXT
L8
BEAD FERRITE/SM
VDD_MODAMP_CH0
C77
L4
BEAD FERRITE/SM
J47
L12
BEAD FERRITE/SM
50mA
J24
HEADER 3
VDD_3_3V_EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com