Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 14Page - Renesas Technology Corp F159V Datasheet HTML 15Page - Renesas Technology Corp F159V Datasheet HTML 16Page - Renesas Technology Corp F159V Datasheet HTML 17Page - Renesas Technology Corp F159V Datasheet HTML 18Page - Renesas Technology Corp F159V Datasheet HTML 19Page - Renesas Technology Corp F159V Datasheet HTML 20Page - Renesas Technology Corp F159V Datasheet HTML 21Page - Renesas Technology Corp F159V Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
© 2020 Renesas Electronics Corporation
18
May 15, 2020
F159V Datasheet
Table 14. Electrical Characteristics – Signal Path Cascaded IP3 Performance (Cont.)
See the F159V Typical Application Circuit. Operated as a dual-path transmitter, VDD = +3.3V, Internal fLO = 2050MHz to generate fRF = 2000MHz,
LO_SW_OUT= +4dBm setting, TEP = +25°C, maximum gain setting, all Enable pins = GND, BB_IQ frequency = 49MHz or 50MHz, I leads Q
by 90 degrees, BB_I&Q levels = 100mVp-p each tone differential, I and Q = 0.325V common-mode bias, ZBB_DIFF = 110Ω, ZRFO = 50Ω,
parameters measured at RF output, Evaluation Board (EVKit) traces and connectors are de-embedded, unless otherwise stated.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Output IP3
fLO = 2050MHz
fRF = 2000MHz
OIP3G-27
VVA 22dB attenuation
DSA 5dB attenuation
PIN = -9dBm/tone
TEP = -20°C
20.4
dBm
OIP3G-39
VVA 22dB attenuation
DSA 17dB attenuation
PIN = -9dBm/tone
TEP = -20°C
8.7
OIP3G-48
VVA 22dB attenuation
DSA 26dB attenuation
PIN = -9dBm/tone
TEP = -20°C
-2
Output IP3
fLO = 2750MHz
fRF = 2700MHz
OIP3G-15
VVA 14dB attenuation
DSA 1dB attenuation
PIN = -13dBm/tone
28
dBm
Output IP3
fLO = 500MHz
fRF = 450MHz
OIP3450
VVA 14dB attenuation
DSA 1dB attenuation
PIN = -13dBm/tone
28
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com