Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 4Page - Renesas Technology Corp F159V Datasheet HTML 5Page - Renesas Technology Corp F159V Datasheet HTML 6Page - Renesas Technology Corp F159V Datasheet HTML 7Page - Renesas Technology Corp F159V Datasheet HTML 8Page - Renesas Technology Corp F159V Datasheet HTML 9Page - Renesas Technology Corp F159V Datasheet HTML 10Page - Renesas Technology Corp F159V Datasheet HTML 11Page - Renesas Technology Corp F159V Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
© 2020 Renesas Electronics Corporation
8
May 15, 2020
F159V Datasheet
Table 3.
Pin Descriptions (Cont.)
Number
Name
Description
55
SPI_DO
Data read of 4-wire serial interface.
56
LO_LD
LO Lock Detect output. Logic HIGH indicates PLL lock. Logic LOW indicates loss of PLL lock.
57
Vdd_DAC
Power supply for DACs. Place bypass capacitors to GND as close as possible to the pin.
58
CH0_Vdd_MODLO2 Channel 0 modulator LO driver power supply. Place bypass capacitors to GND as close as possible
to the pin.
59
CH0_MODEN
Channel 0 modulator Enable / Disable. Logic LOW enable (normal operation); logic HIGH or NC for
disable (power down).
60
CH0_IBB-
Channel 0 In-Phase differential baseband input. Internally matched to 110Ω.
61
CH0_IBB+
62
NC
No internal connection. This pin can be left unconnected, have a voltage applied, or be connected to
ground (recommended).
63
CH0_QBB-
Channel 0 Quadrature differential baseband input. Internally matched to 110Ω.
64
CH0_QBB+
65
CH0_RDIST_MOD Channel 0 modulator amplifier bias.
66
CH0_Vdd_MODAMP Channel 0 modulator power supply pin. Place bypass capacitors to GND as close to this pin as
possible.
67
CH0_MODCOUPLE Channel 0 modulator coupled output.
68
CH0_AMPEN
Enable or disable Channel 0 modulator output. Logic LOW will enable the output (normal operation).
Logic HIGH or NC will disable the output (power down).
-EPAD
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses
multiple ground vias to provide heat transfer out of the device into the PCB ground planes. These
multiple ground vias are also required to achieve the noted RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com