Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 6Page - Renesas Technology Corp F159V Datasheet HTML 7Page - Renesas Technology Corp F159V Datasheet HTML 8Page - Renesas Technology Corp F159V Datasheet HTML 9Page - Renesas Technology Corp F159V Datasheet HTML 10Page - Renesas Technology Corp F159V Datasheet HTML 11Page - Renesas Technology Corp F159V Datasheet HTML 12Page - Renesas Technology Corp F159V Datasheet HTML 13Page - Renesas Technology Corp F159V Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
© 2020 Renesas Electronics Corporation
10
May 15, 2020
F159V Datasheet
4. Recommended Operating Conditions
Table 5.
Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Supply Voltage(s)
VDD
All VDD pins
3.15
3.3
3.45
V
Operating Temperature Range [a]
TEP
Exposed Paddle Temperature
-20
+25
+115
°C
Min/Max VCO Tuning Voltage
VCOVOLT1 Auto-calibration off
0.15
3.15
V
VCOVOLT2 Auto-calibration on
0.35
2.95
Baseband Input Frequency Range
fBB
Based on RF Power degraded
from Maximum Gain to
Minimum Gain
DC
600
MHz
LO Input Frequency Range [b]
fLO
450
2800
MHz
LO Input Power
PLO
-8
0
dBm
RF Output Frequency Range [b]
fRF
450
2800
MHz
Baseband Common Mode Voltage
VCM
TEP = -20°C to +115°C
0.1
0.325
0.8
V
Baseband Input Voltage
Compliance Range
VBB
Each baseband pin
0
1
Vpeak
Baseband Input Port Impedance
ZBB0I_IN
ZBB1I_IN
ZBB0Q_IN
ZBB1Q_IN
Differential
110
Ω
LO Input Port Impedance
ZLO_IN
Differential
100
Ω
LO Output Port Impedance
ZLO_OUT
Differential
100
Ω
RF Output Impedance
ZRFO
Single Ended
50
Ω
Modulator Output Impedance
ZMODO
Single Ended
50
Ω
[a] On startup of the device, the temperature can be as low as -40°C. Device will not lose PLL lock with auto-calibration on after it
warms up. Device functions normally but not specified for temperatures below -20°C.
[b] Expect a slight performance degradation from 600MHz to 450MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com