Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 24Page - Renesas Technology Corp F159V Datasheet HTML 25Page - Renesas Technology Corp F159V Datasheet HTML 26Page - Renesas Technology Corp F159V Datasheet HTML 27Page - Renesas Technology Corp F159V Datasheet HTML 28Page - Renesas Technology Corp F159V Datasheet HTML 29Page - Renesas Technology Corp F159V Datasheet HTML 30Page - Renesas Technology Corp F159V Datasheet HTML 31Page - Renesas Technology Corp F159V Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
© 2020 Renesas Electronics Corporation
28
May 15, 2020
F159V Datasheet
14. Typical Performance Characteristics - Cascaded OIP3 (Cont.)
Figure 38. OIP3 versus Frequency (+3.3V)
Figure 39. OIP3 versus Frequency (+3.3V)
Figure 40. OIP3 versus Frequency (+3.3V)
Figure 41. OIP3 versus Frequency (+3.3V)
Figure 42. OIP3 versus Frequency (+3.3V)
Figure 43. OIP3 versus Frequency (+3.3V)
14
16
18
20
22
24
26
28
30
32
34
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RF Frequency (GHz)
-20 C / CH 0
-20 C / CH 1
+25 C / CH 0
+25 C / CH 1
+115 C / CH 0
+115 C / CH 1
VVA = 14 dB, DSA = 5 dB
10
12
14
16
18
20
22
24
26
28
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RF Frequency (GHz)
-20 C / CH 0
-20 C / CH 1
+25 C / CH 0
+25 C / CH 1
+115 C / CH 0
+115 C / CH 1
VVA = 22 dB, DSA = 5 dB
6
8
10
12
14
16
18
20
22
24
26
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RF Frequency (GHz)
-20 C / CH 0
-20 C / CH 1
+25 C / CH 0
+25 C / CH 1
+115 C / CH 0
+115 C / CH 1
VVA = 14 dB, DSA = 17 dB
-4
-2
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RF Frequency (GHz)
-20 C / CH 0
-20 C / CH 1
+25 C / CH 0
+25 C / CH 1
+115 C / CH 0
+115 C / CH 1
VVA = 22 dB, DSA = 17 dB
-4
-2
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RF Frequency (GHz)
-20 C / CH 0
-20 C / CH 1
+25 C / CH 0
+25 C / CH 1
+115 C / CH 0
+115 C / CH 1
VVA = 14 dB, DSA = 26 dB
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RF Frequency (GHz)
-20 C / CH 0
-20 C / CH 1
+25 C / CH 0
+25 C / CH 1
+115 C / CH 0
+115 C / CH 1
VVA = 22 dB, DSA = 26 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com