Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 18Page - Renesas Technology Corp F159V Datasheet HTML 19Page - Renesas Technology Corp F159V Datasheet HTML 20Page - Renesas Technology Corp F159V Datasheet HTML 21Page - Renesas Technology Corp F159V Datasheet HTML 22Page - Renesas Technology Corp F159V Datasheet HTML 23Page - Renesas Technology Corp F159V Datasheet HTML 24Page - Renesas Technology Corp F159V Datasheet HTML 25Page - Renesas Technology Corp F159V Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
© 2020 Renesas Electronics Corporation
22
May 15, 2020
F159V Datasheet
8. Typical Performance Characteristics
Figure 3. Baseband Differential Input Return
Loss
Figure 4. LO Differential Input Return Loss
Figure 5. Modulator Coupled Output Return
Loss
Figure 6. LO Differential Output Return Loss
Figure 7. RF Output Return Loss (Maximum
Gain)
Figure 8. RF Output Return Loss (+25 °C)
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
Baseband Frequency (MHz)
-20 C / BB_I
-20 C / BB_Q
+25 C / BB_I
+25 C / BB_Q
+115 C / BB_I
+115 C / BB_Q
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
LO Frequency (GHz)
-20 C
+25 C
+115 C
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RF Frequency (GHz)
-20 C / CH0_MOD
-20 C / CH1_MOD
+25 C / CH0_MOD
+25 C / CH1_MOD
+115 C / CH0_MOD
+115 C / CH1_MOD
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
-20 C
+25 C
+115 C
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RF Frequency (GHz)
-20 C / CH0_RF
-20 C / CH1_RF
+25 C / CH0_RF
+25 C / CH1_RF
+115 C / CH0_RF
+115 C / CH1_RF
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RF Frequency (GHz)
DSA= 5 dB / VVA= 5 dB
DSA= 5 dB / VVA=14 dB
DSA= 5 dB / VVA=25 dB
DSA=14 dB / VVA= 5 dB
DSA=14 dB / VVA=14 dB
DSA=14 dB / VVA=25 dB
DSA=22 dB / VVA= 5 dB
DSA=22 dB / VVA=14 dB
DSA=22 dB / VVA=25 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com